Electronic Components Datasheet Search
  English  ▼

X  

CA10715 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10715
Description  CA10930_BOOM-M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10715 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10715 Datasheet HTML 1Page - Ledil, Inc. CA10715 Datasheet HTML 2Page - Ledil, Inc. CA10715 Datasheet HTML 3Page - Ledil, Inc. CA10715 Datasheet HTML 4Page - Ledil, Inc. CA10715 Datasheet HTML 5Page - Ledil, Inc. CA10715 Datasheet HTML 6Page - Ledil, Inc. CA10715 Datasheet HTML 7Page - Ledil, Inc. CA10715 Datasheet HTML 8Page - Ledil, Inc. CA10715 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT DATASHEET
Boom series
last update 8/1/2018
DETAILS
Product Number
CA10930_BOOM-M
Family
Boom
Type
RefAssy
Color
metal
Diameter
22,2 mm
Height
14,34 mm
Style
hexag
Optic Material
Holder Material
Fastening
glue, tape
Status
production ready
ROHS Compliant
Yes
Date Updated
8/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MHD-E/G
34 deg
Medium
82 %
1.700
-
MHB-A/B
31 deg
Medium
82 %
2.230
-
LUXEON M/MX
30 deg
Medium
79 %
2.240
-
LUXEON MZ
20 deg
Medium
75 %
4.000
-
NFMW48xA
23 deg
Medium
80 %
3.100
-
Duris S10
28 deg
Medium
74 %
2.500
-
OSCONIQ P 7070
sim: 25
Medium
sim: 85 % sim: 3.320 -
P7
33 deg
Medium
-
1.860
-
January 24th 2018 2:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA10715

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
Boom series
logo
Ledil, Inc.
CA10715 LEDIL-CA10715 Datasheet
452Kb / 9P
Boom RefAssy
CA10715-BOOM-S LEDIL-CA10715-BOOM-S Datasheet
452Kb / 9P
Boom series
More results

Similar Description - CA10715

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD1209-9 WINCHESTER-SD1209-9 Datasheet
86Kb / 1P
ADAPTER, N M-M
SD1709-5 WINCHESTER-SD1709-5 Datasheet
34Kb / 1P
ADAPTER, M-M, SHV
logo
FERYSTER Inductive Comp...
EFD25-K-10P-FUAN FERYSTER-EFD25-K-10P-FUAN Datasheet
241Kb / 1P
PHENOLIC M/M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com