Electronic Components Datasheet Search
  English  ▼

X  

OVS5MBBCR4 Datasheet(PDF) 4 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 4 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 4
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Standard Bins
LEDs are sorted to luminous intensity (IV) or luminous flux (Φ) and dominant wavelength (nm) bins shown. Each reel consists
of a single intensity bin and a single color bin. Orders are filled using all intensity and color bins listed in the following tables.
Optek will not accept orders for single intensity bins or single color bins.
Dominant Wavelength (nm)
Amber: OVS5MABCR4
nm Code
Min (nm)
Max (nm)
W
610
615
X
615
621
Red: OVS5MRBCR4
nm Code
Min (nm)
Max (nm)
Full
620
630
Yellow: OVS5MYBCR4
nm Code
Min (nm)
Max (nm)
X
585
588
Y
588
591
Z
591
594
Luminous Intensity (IV ) @ 140mA
Amber: OVS5MABCR4
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
Red: OVS5MRBCR4
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
Yellow: OVS5MYBCR4
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
Luminous Flux (Φ) @ 150mA (lm)
Blue: OVS5MBBCR4
IV Code
Min (lm)
Max (lm)
J2
6.3
7.1
J3
7.1
8.2
K2
8.2
9.3
K3
9.3
10.7
Green: OVS5MGBCR4
IV Code
Min (lm)
Max (lm)
N2
18.1
20.6
N3
20.6
23.5
P2
23.5
26.8
P3
26.8
30.6
Blue: OVS5MBBCR4
nm Code
Min (nm)
Max (nm)
A
460
465
B
465
470
Green: OVS5MGBCR4
nm Code
Min (nm)
Max (nm)
A
520
525
B
525
530
C
530
535
Dominant Wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com