Electronic Components Datasheet Search
  English  ▼

X  

OVS5MABCR4 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVS5MABCR4
Description  Robust energy-efficient design with long operating life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MABCR4 Datasheet(HTML) 1 Page - TT Electronics.

  OVS5MABCR4 Datasheet HTML 1Page - TT Electronics. OVS5MABCR4 Datasheet HTML 2Page - TT Electronics. OVS5MABCR4 Datasheet HTML 3Page - TT Electronics. OVS5MABCR4 Datasheet HTML 4Page - TT Electronics. OVS5MABCR4 Datasheet HTML 5Page - TT Electronics. OVS5MABCR4 Datasheet HTML 6Page - TT Electronics. OVS5MABCR4 Datasheet HTML 7Page - TT Electronics. OVS5MABCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
°
OVS5MxBCR4 Series
© TT electronics plc
Issue C
08/2017
Page 1
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan. This
device offers a 120° viewing angle and an ultra-low profile (1.2 mm) making it highly suitable for conventional lighting and
specialized applications.
Applications:
Automotive exterior and interior lighting
Architectural indoor and outdoor lighting
General lighting
Display Backlighting
Electronic signs and signals
Features:
Compact Package Outline of 3.5 x 3.5 x 1.2 mm
Robust energy-efficient design with long operating life
Low thermal resistance
Exceptional spatial uniformity
Compatible to IR reflow soldering
High Lumens output
Part Number
Viewing
Angle
Emitted Color
Typ. Luminous Flux
(lm)
Forward Voltage
VF
Power Dissipation @
150 mA
Lens Color
OVS5MWBCR4
120
White
50
3.4
0.51 W
Clear
OVS5MWWBCR4
Warm White
30
3.6
0.54 W
OVS5MBBCR4
Blue
8.2
3.4
0.51 W
OVS5MGBCR4
Green
22
3.4
0.51 W
Part Number
Viewing
Angle
Emitted Color
Typ. Luminous In-
tensity (mcd)
Forward Voltage
VF
Power Dissipation @
150 mA
Lens Color
OVS5MRBCR4
120
Red
7150
2.2
0.33 W00.33
Clear
OVS5MABCR4
Amber
7150
2.2
0.33 W
OVS5MYBCR4
Yellow
7150
2.2
0.33 W
RoHS
2a
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY


Similar Part No. - OVS5MABCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MABCR4 OPTEK-OVS5MABCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
2Mb / 8P
Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
03/2022
More results

Similar Description - OVS5MABCR4

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
Long operating life.
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
TT Electronics.
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5WBCR4 TTELEC-OVS5WBCR4 Datasheet
885Kb / 5P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPYBCR4 TTELEC-OVSPYBCR4 Datasheet
897Kb / 7P
Robust energy-efficient design with long operating life
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com