Electronic Components Datasheet Search
  English  ▼

X  

OVSA1SBLCR8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSA1SBLCR8
Description  High intensity with low power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSA1SBLCR8 Datasheet(HTML) 2 Page - TT Electronics.

  OVSA1SBLCR8 Datasheet HTML 1Page - TT Electronics. OVSA1SBLCR8 Datasheet HTML 2Page - TT Electronics. OVSA1SBLCR8 Datasheet HTML 3Page - TT Electronics. OVSA1SBLCR8 Datasheet HTML 4Page - TT Electronics. OVSA1SBLCR8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVSA1xBLCR8 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage
5 V
Continuous Forward Current
70 mA
Peak Forward Current (Pulse width ≤10 msec, duty cycle ≤10%)
200 mA
Power Dissipation
210 mW
Thermal Resistance Junction to Solder
1.
150° C/W
Electrostatic Discharge Classification (MIL-STD-883E)
Class 2
LED Junction Temperature
110° C
Lead Soldering Temperature
250° C / 10 seconds
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IV
Luminous Intensi-
ty
Red
2240
3700
mcd
IF = 50 mA
VF
Forward Voltage
Forward Voltage
----
2.5
3.0
V
IF = 50 mA
IR
Reverse Current
Reverse Current
----
----
10
µA
VR = 5 V
λD
Dominant Wave-
length
Red
618
624
630
nm
IF = 50 mA
2Θ½H-H
50% Power Angle
50% Power Angle
60
deg
IF = 50 mA
Note:
1.
Rth test condition: Mounted on PC board FR 4 (pad size≥16 mm
2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com