Electronic Components Datasheet Search
  English  ▼

X  

PS8802-1 Datasheet(PDF) 2 Page - NEC

Part # PS8802-1
Description  NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8802-1 Datasheet(HTML) 2 Page - NEC

  PS8802-1 Datasheet HTML 1Page - NEC PS8802-1 Datasheet HTML 2Page - NEC PS8802-1 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS8802-1, PS8802-2
Notes:
1. Operation in excess of any one of these
parameters may result in permanent damage.
2. Reduced to 1.00 mw/
ºC at TA = 25ºC or more.
3. AC voltage for 1 minute at TA = 25
ºC, RH = 60 %
between input and ouput.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS8802-1,-2
Diode
IF
Forward Current (DC)
mA
25
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW
45
Detector
VCC
Supply Voltage
V
35
VO
Output Voltage
V
35
IO
Output Current
mA
8.0
PC
Power Dissipation
mW
100
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TSTG
Storage Temperature
°C
-55 to +150
TA
Operating Ambient Temperature
°C
-55 to +100
Notes:
1. Test circuit for propagation delay time
2. Test circuit for common mode transient immunity.
PS8802-1
Pulse input (IF)
(PW = 1
µs,
Duty cycle = 1/10)
Input
(Monitor)
47
Ω
VCC = 5 V
Vo (Monitor)
RL = 2.2k
Ω
0.1
µF
CL = 15 pF
(PW = 1
µs,
Duty cycle = 1/10)
Input
50%
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
Output
PS8802-2
Pulse input (IF)
Input
(Monitor)
47
Ω
VCC = 5 V
Vo (Monitor)
RL = 2.2k
Ω
0.1
µF
CL = 15 pF
PS8802-1
VCC = 5 V
Vo (Monitor)
VCM
VCM
VO
VO
VOH
(IF = 0 mA)
(IF = 7.5 mA)
2 V
0.8 V
90%
1 kV
0 V
10%
tf
tr
VOL
RL = 4.1k
Ω
0.1
µF
IF
IF
PS8802-2
SW
VCC = 5 V
Vo (Monitor)
RL = 4.1k
Ω
0.1
µF
VCM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com