Electronic Components Datasheet Search
  English  ▼

X  

OVSRRGBCC3 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSRRGBCC3
Description  Full-color RGB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSRRGBCC3 Datasheet(HTML) 1 Page - TT Electronics.

  OVSRRGBCC3 Datasheet HTML 1Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 2Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 3Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 4Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 5Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 6Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
°
OVSRRGBCC3 / OVSRRGBCC3TM
© TT electronics plc
Issue F
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVSRRGBCC3 & OVSRRGBCC3TM is a compact full-color (RGB) in a miniature surface mount package with a 150°
viewing angle. This 1204 package provides the option to mount it as a top-emitting or side-emitting (right angle) device.
The device can be used on smaller boards with a higher packing density and is ideal for handheld applications.
Applications:
Automotive backlighting for dashboard and switches
Telecommunications (backlighting for telephones and faxes)
Features:
Full-color RGB
Top-view or side-view mounting options
Compatible with automatic placement equipment
Compatible with infrared and vapor phase reflow solder process
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
OVSRRGBCC3
OVSRRGBCC3TM
AlInGaP
Red
105
White Diffused
InGaN
Green
330
InGaN
Blue
200
RoHS
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
3


Similar Part No. - OVSRRGBCC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
logo
List of Unclassifed Man...
OVSRRGBCC3TM ETC2-OVSRRGBCC3TM Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
TT Electronics.
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
Full-color RGB
More results

Similar Description - OVSRRGBCC3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
10mm FULL COLOR RGB LAMPS
logo
P-tec Corporation
PL008-WCRGB084319 P-TEC-PL008-WCRGB084319 Datasheet
23Kb / 1P
Full Color RGB SMD LED PLCC-4 Package
PL008-WCRGB092108 P-TEC-PL008-WCRGB092108 Datasheet
33Kb / 3P
Full Color RGB SMD LED PLCC-4 Package
PL16N-WDRGB190602 P-TEC-PL16N-WDRGB190602 Datasheet
31Kb / 1P
5mm (T1쩐) Full Color (RGB) LED
PL16N-WDRGB190503 P-TEC-PL16N-WDRGB190503 Datasheet
31Kb / 1P
5mm (T1쩐) Full Color (RGB) LED
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
High-Brightness RGB Full Color
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
LM803 KODENSHI-LM803 Datasheet
290Kb / 1P
High-Brightness RGB Full Color
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
rgb full color led control ic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com