Electronic Components Datasheet Search
  English  ▼

X  

PHS04 Datasheet(PDF) 1 Page - TT Electronics.

Part # PHS04
Description  Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS04 Datasheet(HTML) 1 Page - TT Electronics.

  PHS04 Datasheet HTML 1Page - TT Electronics. PHS04 Datasheet HTML 2Page - TT Electronics. PHS04 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rotary Position Sensor
PHS04 Series
© TT electronics plc
Issue A
09/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053 |Ph: +1 714 447 2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The PHS04 series is a rotary position sensor that features a small footprint, smooth operation, and a 300,000 life cycle.
Some applications are game controllers and robot joint angle controls.
Applications:
Robot joint angle control
Game controller
Features:
Angle/Position sensor with more than a 300,000 life cycle
Small footprint size at 4mm width x 5mm length
Smooth operation
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Ω
Total Resistance
1K
100K
Ohms
V
Rated Voltage
5.0
50
Volts
W
Rated Power
0.01
Watts
Linearity Tolerance
±5%
Resistance Tolerance
20%
Sliding Noise
300
mV
Withstand Voltage
1
Min
At AC 250V
Insulated Resistance
100
mΩ
DC250V, 1 minute


Similar Part No. - PHS04

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
PHS07-H1B100KE1801 TTELEC-PHS07-H1B100KE1801 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
PHS07-H1B100KE1806 TTELEC-PHS07-H1B100KE1806 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
PHS07-H1B100KE1807 TTELEC-PHS07-H1B100KE1807 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
PHS07-H1B100KE2001 TTELEC-PHS07-H1B100KE2001 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
More results

Similar Description - PHS04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
12 mm Rotary Position Sensor
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
Rotary Position Sensor IC
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com