Electronic Components Datasheet Search
  English  ▼

X  

PM2005MP Datasheet(PDF) 7 Page - Sames

Part # PM2005MP
Description  Evaluation Board for the SA2005M and SA2005P
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005MP Datasheet(HTML) 7 Page - Sames

Back Button PM2005MP Datasheet HTML 3Page - Sames PM2005MP Datasheet HTML 4Page - Sames PM2005MP Datasheet HTML 5Page - Sames PM2005MP Datasheet HTML 6Page - Sames PM2005MP Datasheet HTML 7Page - Sames PM2005MP Datasheet HTML 8Page - Sames PM2005MP Datasheet HTML 9Page - Sames PM2005MP Datasheet HTML 10Page - Sames PM2005MP Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
sames
7/12
http://www.sames.co.za
PM2005M/P
COMPONENT LIST
Description
Capacitor Electrolytic Radial
Capacitor Monolithic Ceramic
Capacitor Monolithic Ceramic
Capacitor Monolithic Ceramic
Capacitor Tantalum
Capacitor Electrolytic Radial
Capacitor Polyester
Capacitor Electrolytic Radial
Rectifier Diode
47V Zener Diode
LED 3mm Diameter, Red
LED 3mm Diameter, Yellow
LEC 3mm Diameter, Green
2 Pin Molex, Canter Square pin, Friction Lock
2 Pin Molex, Canter Square pin, Friction Lock
5 Pin Molex, Canter Square pin, Friction Lock
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
2 Watt, 1% Wire Wound Resistor
1 Watt, 1% Wire Wound Resistor
¼ Watt, 5%, Carbon Resistor
Multi turn trim pot, Top adjust
7 Pin Molex, Canter square pin, Friction Lock
5 Pin Header
Metal Oxide Varistor
24 Pin IC Socket, Tulip Type
1k IIC EEPROM / Not fitted. For use with SA2005P
TO -92 Package
1:2500, Current Transformer
Items
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
Part Type
1µ / 16v / No Polarity
220n / 63v
1µ / 63v
100n
10µ / 16v
470µ / 25V
470n / 250VAC
470µ / 16V
1N4007
47V
LED
LED
LED
MOTOR
OPTO
Prog
2.7k
24k
1M
22k
82k
100k
3R6
47R/2Watt
470R/1Watt
680R
Pot 10k
MAINS
Prog
S10 / 275
SA2005M or SA2005P
24C01A
TL431
TZ76
Designator
C1, C2, C3
C4, C5
C6
C7
C8, C9
C10, C11
C12, C13, C14
C15
D1, D2, D3, D4, D5, D6
D7
L1, L2, L7
L3, L4
L5, L6
SK2
SK4
SK3
R1, R2, R3, R4, R5, R6
R7
R8, R9, R10
R11, R12, R13
R14, R16, R18, R20, R22, R24
R15, R17, R19, R21, R23, R25
R26, R27, R28
R29, R30, R31
R32, R33
R34, R35, R36, R37
P1, P2, P3
SK1
J8
Z1, Z2, Z3
U1
U2
U3, U4
CT1, CT2, CT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com