Electronic Components Datasheet Search
  English  ▼

X  

PM2007MPPE Datasheet(PDF) 10 Page - Sames

Part # PM2007MPPE
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2007MPPE Datasheet(HTML) 10 Page - Sames

Back Button PM2007MPPE Datasheet HTML 6Page - Sames PM2007MPPE Datasheet HTML 7Page - Sames PM2007MPPE Datasheet HTML 8Page - Sames PM2007MPPE Datasheet HTML 9Page - Sames PM2007MPPE Datasheet HTML 10Page - Sames PM2007MPPE Datasheet HTML 11Page - Sames PM2007MPPE Datasheet HTML 12Page - Sames PM2007MPPE Datasheet HTML 13Page - Sames PM2007MPPE Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
sames
PM2007M/PPE
10/16
Designator
Description
Detail
SA2007P
24C01A, IIC bus interfaced EEPROM
Resistor, 3.6R, 1/4W, 1%, metal
Multi-turn trim pot, 10R
U1
U3
R16
Insert
Insert
Insert
Remove
P1
The following component list covers components that need to be changed to use the module with the SA2007P device.
Table 7: Components for SA2007P functionality, 60A rated setup
Table 8: Interface Module components
Designator
Description
Detail
ILQ74
4N35
Resistor, 470R, 1/4W, 1%, metal
Resistor, 4.7k, 1/4W, 1%, metal
Resistor, 680R, 1/4W, 1%, metal
Resistor, 220R, 1/4W, 1%, metal
Resistor, 10K, 1/4W, 1%, metal
Transistor, BC327
Molex 7 pin connector, 100 mil pin spacing
Molex 2 pin connector, 100 mil pin spacing
DB25 PCB Mount, Female connector
Header pins
O1
O2, O3
R1
R2, R3
PDIP16
PDIP16
T0, 92, PNP
External 5V supply
R5, R7, R8, R9
R6, R10
R11
Q1
JP1
J1
SK2
6
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com