Electronic Components Datasheet Search
  English  ▼

X  

BSS84 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS84
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS84 Datasheet HTML 1Page - Diodes Incorporated BSS84 Datasheet HTML 2Page - Diodes Incorporated BSS84 Datasheet HTML 3Page - Diodes Incorporated BSS84 Datasheet HTML 4Page - Diodes Incorporated BSS84 Datasheet HTML 5Page - Diodes Incorporated BSS84 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSS84
Document number: DS30149 Rev. 22 - 2
2 of 6
www.diodes.com
May 2017
© Diodes Incorporated
BSS84
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-50
V
Drain-Gate Voltage RGS  20k
VDGR
-50
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Drain Current (Note 6)
Continuous
ID
-130
mA
Pulsed Drain Current
IDM
-1.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient
RJA
417
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-50
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS

-1
-2
-100
µA
µA
nA
VDS = -50V, VGS = 0V, TJ = +25°C
VDS = -50V, VGS = 0V, TJ = +125°C
VDS = -25V, VGS = 0V, TJ = +25°C
Gate-Body Leakage
IGSS
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.8
-2.0
V
VDS = VGS, ID = -1mA
Static Drain-Source On-Resistance
RDS(ON)
10
VGS = -5V, ID = -0.100A
Forward Transconductance
gFS
0.05
S
VDS = -25V, ID = -0.1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
24.6
45
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
4.7
25
pF
Reverse Transfer Capacitance
Crss
2.8
12
pF
Gate Resistance
Rg

916
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
0.28
nC
VDS = -10V, ID = -0.1A
Total Gate Charge (VGS = -10V)
Qg
0.59
nC
Gate-Source Charge
Qgs
0.09
nC
Gate-Drain Charge
Qgd
0.08
nC
Turn-On Delay Time
tD(ON)
10
ns
VDD = -30V, ID = -0.27A,
RGEN = 50, VGS = -10V
Turn-Off Delay Time
tD(OFF)
18
ns
Notes:
6. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown in Diodes Incorporated
’s package outline PDFs, which can be found
on our website at http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com