Electronic Components Datasheet Search
  English  ▼

X  

PE4262 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4262
Description  SMC Plug Right Angle Connector Clamp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4262 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4262 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4262 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4262 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4262 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMC Plug Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Clamp/Solder Attachment
• 1/4 inch Hex
Features
• Max. Operating Frequency 10 GHz
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4262 SMC plug right angle connector with clamp/solder attachment for RG174, RG316, RG188, LMR-100,
PE-B100, PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our SMC plug
connector operates up to a maximum frequency of 10 GHz. Its right angle body geometry allows for easier connections in
tight spaces.
Our SMC plug right angle connector PE4262 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Operating Voltage (AC)
335
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
GHz
VSWR, Max
1.3:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Clamp/Solder Attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100, 0.100 inch PE4262
PE4262 REV 1.1
SMC Plug Right Angle Connector Clamp/Solder
Attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4262


Similar Part No. - PE4262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4262 PASTERNACK-PE4262 Datasheet
291Kb / 3P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4263 PASTERNACK-PE4263 Datasheet
254Kb / 2P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196
PE4262 PASTERNACK-PE4262 Datasheet
291Kb / 3P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4557 PASTERNACK-PE4557_16 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4160 PASTERNACK-PE4160_16 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4201 PASTERNACK-PE4201_16 Datasheet
400Kb / 3P
SMC Plug Connector Clamp/Solder Attachment
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4259 PASTERNACK-PE4259_16 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4260 PASTERNACK-PE4260_14 Datasheet
327Kb / 2P
SMB Plug Right Angle Connector Clamp/Solder Attachment
PE4358 PASTERNACK-PE4358_16 Datasheet
315Kb / 3P
SMB Plug Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com