Electronic Components Datasheet Search
  English  ▼

X  

PE4268 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4268
Description  SMB Jack Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4268 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4268 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4268 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4268 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Jack Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, PE-B100, PE-C100, 0.100
inch, LMR-100 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4268 SMB jack connector with clamp/solder attachment for RG174, RG316, RG188, PE-B100, PE-C100,
0.100 inch and LMR-100 is part of our full line of RF components available for same-day shipping.
Our SMB jack connector PE4268 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.65 in [16.51 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.004 lbs [1.81 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Clamp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-
C100, 0.100 inch, LMR-100 PE4268
PE4268 REV 1.2
SMB Jack Connector Clamp/Solder Attachment for RG174,
RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
RF Connectors Technical Data Sheet
PE4268


Similar Part No. - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
308Kb / 11P
SP6T UltraCMOS
PE4268-52 PEREGRINE-PE4268-52 Datasheet
308Kb / 11P
SP6T UltraCMOS
More results

Similar Description - PE4268

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4277 PASTERNACK-PE4277 Datasheet
849Kb / 2P
SMB Jack Bulkhead Connector Clamp Solder Attachment For RG178, RG196
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4269 PASTERNACK-PE4269 Datasheet
231Kb / 3P
SMB Jack Connector Clamp - Solder Attachment For RG178, RG196
PE4096 PASTERNACK-PE4096_16 Datasheet
396Kb / 3P
SMB Jack Connector Crimp/Solder Attachment
PE4200 PASTERNACK-PE4200_16 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4250 PASTERNACK-PE4250_17 Datasheet
398Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4269 PASTERNACK-PE4269_16 Datasheet
338Kb / 4P
SMB Jack Connector Clamp/Solder Attachment
PE4277 PASTERNACK-PE4277_16 Datasheet
403Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4362 PASTERNACK-PE4362_16 Datasheet
320Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com