Electronic Components Datasheet Search
  English  ▼

X  

PE4288 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4288
Description  SMB Plug Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4288 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4288 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4288 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4288 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4288 SMB plug bulkhead mount connector solder attachment solder cup terminal, .177 inch D hole is
part of our full line of RF components available for same-day shipping. This SMB bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our SMB plug bulkhead connector PE4288 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.72 in [18.29 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .177 inch D
Hole PE4288
PE4288 REV 1.1
SMB Plug Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .177 inch D Hole
RF Connectors Technical Data Sheet
PE4288


Similar Part No. - PE4288

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4288 PASTERNACK-PE4288 Datasheet
233Kb / 2P
SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
More results

Similar Description - PE4288

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4097 PASTERNACK-PE4097_16 Datasheet
360Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4167 PASTERNACK-PE4167_16 Datasheet
341Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4200 PASTERNACK-PE4200_16 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4250 PASTERNACK-PE4250_17 Datasheet
398Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4277 PASTERNACK-PE4277_16 Datasheet
403Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4284 PASTERNACK-PE4284_16 Datasheet
317Kb / 3P
SMB Jack Right Angle Bulkhead Mount Connector Solder Attachment
PE4289 PASTERNACK-PE4289_16 Datasheet
347Kb / 3P
SMC Plug Bulkhead Mount Connector Solder Attachment
PE4362 PASTERNACK-PE4362_16 Datasheet
320Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4364 PASTERNACK-PE4364_16 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com