Electronic Components Datasheet Search
  English  ▼

X  

RF2495 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2495
Description  900MHZ 3V LOW CURRENT LNA/MIXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2495 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2495 Datasheet HTML 1Page - RF Micro Devices RF2495 Datasheet HTML 2Page - RF Micro Devices RF2495 Datasheet HTML 3Page - RF Micro Devices RF2495 Datasheet HTML 4Page - RF Micro Devices RF2495 Datasheet HTML 5Page - RF Micro Devices RF2495 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8-286
RF2495
Rev A4 030220
LNA: Gain versus Frequency Over Temperature
(VCC=2.78V)
0.0
4.0
8.0
12.0
16.0
20.0
800.0
825.0
850.0
875.0
900.0
925.0
950.0
975.0
1000.0
Frequency (MHz)
-40°C High Gain [dB]
25°C High Gain [dB]
85°C High Gain [dB]
-40°C Low Gain [dB]
25°C Low Gain [dB]
85°C Low Gain [dB]
LNA: IIP3 versus Frequency and
P1dB versus Frequency Over Temperature (VCC=2.78V)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
800.0
825.0
850.0
875.0
900.0
925.0
950.0
975.0
1000.0
Frequency (MHz)
-40°C IIP3 [dBm]
25°C IIP3 [dBm]
85°C IIP3 [dBm]
-40°C P1dBOut [dBm]
25°C P1dBOut [dBm]
85°C P1dBOut [dBm]
LNA: Noise Figure versus Frequency Over Temperature
(VCC=2.78V)
1.0
1.5
2.0
2.5
3.0
800.0
825.0
850.0
875.0
900.0
925.0
950.0
975.0
1000.0
Frequency (MHz)
-40°C Noise Figure [dB]
25°C Noise Figure [dB]
85°C Noise Figure [dB]
Mixer: Conversion Gain versus LO Power,
OIP3 versus LO Power Over Temperature
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
LO Power (dBm)
-40.0°C_Conversion Gain [dB]
25.0°C_Conversion Gain [dB]
85.0°C_Conversion Gain [dB]
-40.0°C_OIP3 [dBm]
25.0°C_OIP3 [dBm]
85.0°C_OIP3 [dBm]
VCC=2.78V, Freq=900MHz
Mixer: Conversion Gain versus Frequency,
OIP3 versus Frequency Over Temperature
-7.0
-5.0
-3.0
-1.0
1.0
3.0
5.0
7.0
9.0
11.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
-40.0°C Conversion Gain [dB]
25.0°C Conversion Gain [dB]
85.0°C Conversion Gain [dB]
-40.0°C OIP3 [dBm]
25.0°C OIP3 [dBm]
85.0°C OIP3 [dBm]
VCC=2.78V, LO=4dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com