Electronic Components Datasheet Search
  English  ▼

X  

MS6712L Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6712L
Description  Low Cost 4 Stereo Inputs and 4-Channel Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712L Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6712L Datasheet HTML 1Page - MOSA ELECTRONICS MS6712L Datasheet HTML 2Page - MOSA ELECTRONICS MS6712L Datasheet HTML 3Page - MOSA ELECTRONICS MS6712L Datasheet HTML 4Page - MOSA ELECTRONICS MS6712L Datasheet HTML 5Page - MOSA ELECTRONICS MS6712L Datasheet HTML 6Page - MOSA ELECTRONICS MS6712L Datasheet HTML 7Page - MOSA ELECTRONICS MS6712L Datasheet HTML 8Page - MOSA ELECTRONICS MS6712L Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MOSA
MS6712L
Low Cost 4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
5/14
www.mosanalog.com
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =22uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
8.7
-
mA
PSRR
Power Supply Rejection Ratio
CREF = 22uF, f = 100Hz
48
53
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.3%
-
2.4
-
Vpp
THD+N
Total Harmonic Distortion Plus
Noise
VOUT=2Vpp
-
-48
-
dB
-
0.4
-
%
S/N
Signal-to-Noise Ratio
VOUT=2.4Vpp
80
85
-
dB
CS
Channel Separation Left/Right
80
85
-
dB
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =22uF, refer to the application circuit; unless otherwise specified)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
Loudness vs. Volume
Loudness vs. Frequency vs. Volume
Loudness vs. External Capacitors
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
Typical Tone Response
Channel Separation vs. Frequency
Quiescent Current vs. Supply Voltage
VDD=5V
CLOUD = 100nF
220nF
OPEN
VDD=5V
VIN=0dBV
VDD=5V
Treble=Bass= -14~14dB
VDD=5V
VDD=5V
Volume=-40dB
56nF
100nF
Loudness OFF
33nF
10nF
VDD=2.7V
VIN=-3dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com