Electronic Components Datasheet Search
  English  ▼

X  

MS6712LU Datasheet(PDF) 14 Page - MOSA ELECTRONICS

Part # MS6712LU
Description  Low Cost 4 Stereo Inputs and 4-Channel Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712LU Datasheet(HTML) 14 Page - MOSA ELECTRONICS

Back Button MS6712LU Datasheet HTML 6Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 7Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 8Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 9Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 10Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 11Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 12Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 13Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MOSA
MS6712L
Low Cost 4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
14/14
www.mosanalog.com
EXTERNAL DIMENSIONS
SOP32 (300mil)
H
h x45
C
Detail A
0.25mm
Detail A
L
θ
E
A1
e
B
A
D
Symbol
Dimension in mm
Dimension in inch
Min
Max
Min
Max
A
2.35
2.65
0.0926
0.1043
A1
0.10
0.30
0.0040
0.0118
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.0091
0.0125
e
1.27 BASIC
0.050 BASIC
E
7.40
7.60
0.2914
0.2992
H
10.00
10.65
0.394
0.419
L
0.40
1.27
0.016
0.050
D
20.32
20.73
0.800
0.816
h
0.25
0.75
0.010
0.029
θ
0
o
8
o
0
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com