Electronic Components Datasheet Search
  English  ▼

X  

MS6720L Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6720L
Description  Low Cost 3 Stereo Inputs and 4-Channel Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6720L Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6720L Datasheet HTML 1Page - MOSA ELECTRONICS MS6720L Datasheet HTML 2Page - MOSA ELECTRONICS MS6720L Datasheet HTML 3Page - MOSA ELECTRONICS MS6720L Datasheet HTML 4Page - MOSA ELECTRONICS MS6720L Datasheet HTML 5Page - MOSA ELECTRONICS MS6720L Datasheet HTML 6Page - MOSA ELECTRONICS MS6720L Datasheet HTML 7Page - MOSA ELECTRONICS MS6720L Datasheet HTML 8Page - MOSA ELECTRONICS MS6720L Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSA
MS6720L
Low Cost 3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
1/12
www.mosanalog.com
Low Cost 3 Stereo Inputs and 4-Channel Outputs
Volume, Balance, Fader and Selectable Input Gain
FEATURES
•Operation range : 2.7V ~ 6.5V
•3 stereo inputs with selectable input gain
•4 independent speaker controls for fader and balance
•Independent mute function
•Volume control in 1.25 dB/step
•I
2C interface
•Components less and good PSRR
APPLICATIONS
•Portable audio device
•Car stereo audio
•Hi-Fi audio system
•Cross-reference:
MS6720
•Housed in SSOP20 packages
DESCRIPTION
The MS6720L is a 3 stereo inputs/4-channel outputs digital control audio processor for the low voltage operation.
Volume, balance (left/right), and fader (front/rear) processor are incorporated into a single chip. The MS6720L also
has selectable input gain. All functions are programmable via the serial I
2C bus. The default states of the chip as the
power is on are: the volume is -78.75dB, the stereo 4 is selected, all the speakers are mute and the gains of the input
stage are 0dB. The stereo 4 is connected internally, but not available on pins.
BLOCK DIAGRAM
RIN2
RIN1
Volume
Volume
LIN1
LIN2
LIN3
RIN3
REF
Input
Selector
&Gain
Control
ROUT
RIN
LOUT
LIN
1
5
6
4
9
10
11
7
8
12
13
Supply
AVDD AGND
2
3
Mute
OUT_LF
OUT_LR
OUT_RF
OUT_RR
17
14
15
16
SCL
SDA
DGND
18
19
20
Mute
Speaker
ATT
Mute
Speaker
ATT
Speaker
ATT
Mute
Speaker
ATT
Serial Bus Decoder and Latches


Similar Part No. - MS6720L

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6720GTR MOSA-MS6720GTR Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6720GU MOSA-MS6720GU Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6720SSGTR MOSA-MS6720SSGTR Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6720SSGU MOSA-MS6720SSGU Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results

Similar Description - MS6720L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ATMEL Corporation
ATR0841 ATMEL-ATR0841 Datasheet
134Kb / 6P
4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
Low Cost 4 Stereo Inputs and 4-Channel Outputs
MS6713L MOSA-MS6713L Datasheet
669Kb / 14P
Low Cost 3 Stereo Inputs and 4-Channel Outputs
MS6714L MOSA-MS6714L Datasheet
662Kb / 14P
Low Cost 4 Stereo Inputs and 1 Stereo Output
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
Low Cost 1 Stereo Input and 1 Stereo Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com