Electronic Components Datasheet Search
  English  ▼

X  

PM96045AP Datasheet(PDF) 1 Page - Sames

Part # PM96045AP
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM96045AP Datasheet(HTML) 1 Page - Sames

  PM96045AP Datasheet HTML 1Page - Sames PM96045AP Datasheet HTML 2Page - Sames PM96045AP Datasheet HTML 3Page - Sames PM96045AP Datasheet HTML 4Page - Sames PM96045AP Datasheet HTML 5Page - Sames PM96045AP Datasheet HTML 6Page - Sames PM96045AP Datasheet HTML 7Page - Sames PM96045AP Datasheet HTML 8Page - Sames PM96045AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
THREE PHASE POWER/ENERGY METERING MODULE
FOR SPI BUS AND PULSE OUTPUT DEVICES
sames
PM9604/5AP
SA9604/5 APPLICATION NOTE
7205
PDS038-SA9604/5-001
REV.B
18-06-98
1/14
FEATURES
s
Module used for both SA9604A and
SA9605A evaluation
s
Meets the accuracy requirements for
Class 1 AC Watt hour meters
s
Operates over a wide temperature
range
s
Uses current transformers for current
sensing
s
Protection against ESD
s
Unused connection pads allows the
module to be customised
DESCRIPTION
This innovative power/energy module allows evaluation of both the SA9604A and
SA9605A, members of the SAMES three phase metering I.C. family.
It is advised that the relevant data sheet for the device under evaluation be read in
conjunction with this Application Note.
The output of this innovative universal three phase power/energy metering circuit is
ideally suited for energy calculations in applications using a µ-controller (SA9604A and
SA9605A) or mechanical counter (SA9605A).
On the left hand side of the board, next to the 25-way D-type connector, the array of
unused solder pads allow the user to customise the module. This section of the board
may be used to access the opto-coupler isolated output signals. Such components as
counters and LEDs may be added to this area to allow the user evaluation of a design
using the SA9604A or SA9605A.
CARE MUST BE TAKEN WHEN CONNECTING ADDITIONAL COMPONENTS TO
THE BOARD AS DANGEROUS VOLTAGE LEVELS EXIST IN SOME AREAS.
BLOCK DIAGRAM
SA9 6 0 4 / 5 A
- 2.5V
C O NDIT IO N IN G
NEUTRAL
PHASE 1
PHASE 2
PHASE 3
S I GN A L
LINE 2
LINE 3
LINE 1
+ 2.5V
0
O
P
T
O
C
O
U
P
L
E
R
O
P
T
O
C
O
U
P
L
E
R
25-WAY D-TYPE - FEMALE
DIR
(SA 9604A)
SK2
J4
FOUT 1
FOUT 2
FOUT X (SA9605A)
SK3


Similar Part No. - PM96045AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9604 SAMES-PM9604 Datasheet
538Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PM9604APA SAMES-PM9604APA Datasheet
538Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PM9604APE SAMES-PM9604APE Datasheet
538Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
More results

Similar Description - PM96045AP

ManufacturerPart #DatasheetDescription
logo
Sames
PA9605AP SAMES-PA9605AP Datasheet
59Kb / 6P
THREE PHASE POWER/ENERGY METERING INTERFACE ADAPTOR
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com