Electronic Components Datasheet Search
  English  ▼

X  

SA2102DPA Datasheet(PDF) 7 Page - Sames

Part # SA2102DPA
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DPA Datasheet(HTML) 7 Page - Sames

Back Button SA2102DPA Datasheet HTML 3Page - Sames SA2102DPA Datasheet HTML 4Page - Sames SA2102DPA Datasheet HTML 5Page - Sames SA2102DPA Datasheet HTML 6Page - Sames SA2102DPA Datasheet HTML 7Page - Sames SA2102DPA Datasheet HTML 8Page - Sames SA2102DPA Datasheet HTML 9Page - Sames SA2102DPA Datasheet HTML 10Page - Sames SA2102DPA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
sames
SA2102D
http://www.sames.co.za
FUNCTIONAL DESCRIPTION
The SA2102D is a CMOS integrated circuit, which performs
power/energy calculations across a dynamic range of 1000:1
to an accuracy that exceeds the IEC 61036 Class 1
specification.
The integrated circuit includes all the required functions for
single phase power and energy measurement. Two A/D
converters sample the voltage and current inputs. The
calculations required for power and energy are performed and
pulses on the LED, MON and MOP outputs represent the
results.
Internal offsets are eliminated through the use of cancellation
techniques. The SA2102D generates pulses at a frequency
that is proportional to the power consumption. Complimentary
output pins MOP and MON are provided for driving a stepper
motor. A MOP pulse followed immediately by a MON pulse
represents an energy pulse. This minimizes the risk of (after
power up) losing the first energy pulse as a result of the stepper
motor residing in the wrong phase.
The LED output is normally proportional to the average power
consumption measured. When in FAST mode, the LED output
is proportional to the instantaneous active power consumption.
The FAST mode is intended for meter calibration purposes.
The two A/D converters convert the signals on the voltage and
current sense inputs to a digital format for further processing.
The current sense inputs (IIP and IIN) are identical and
balanced. A input signal with a range of 1:1000 is measured at
these inputs.
An integrated anti-creep function prevents any output pulses if
the measured power is less than 0.02% of the meters rated
current.
The two digital signals, accurately representing the current and
voltage inputs, are multiplied using digital multiplication. The
output of the multiplier is the instantaneous power.
For voltage and current in phase instantaneous power is
calculated by:
Instantaneous power
let
,
,
p(t)
=
=
p(t)
=
=
=
where
v(t) is the instantaneous voltage
i(t) is the instantaneous current,
V is the maximum amplitude of the voltage signal,
I is the maximum amplitude of the current signal,
is the voltage phase angle,
is the current phase angle and
on a 50Hz mains system.
p(t)
M
M
= 100Hz noise component
This power information is then integrated over time to provide
the average power information.
Average Power (P)
=
=
Where
is the instantaneous power and
cos
is the power factor.
ANALOG INPUT CONFIGURATION
The input circuitry of the current and voltage sensor inputs is
illustrated in figure 5.
GND
VDD
DR-01148
VOLTAGE
SENSOR
INPUT
IVP
SS
V
IIN
IIP
CURRENT
SENSOR
INPUTS
SS
V
SS
V
VDD
DD
V
A V
A I
Figure 5: Analog input configuration
)
(
)
(
t
i
t
v
´
q
y
t
d
t
p
T
T
ò
0
)
(
1
)
sin(
)
sin(
y
w
q
w+
´
+
t
I
t
V
M
M
y
q
j-
=
2
M
RMS
V
V
=
2
M
RMS
I
I
=
)
sin(
)
sin(
y
w
q
w+
+
t
t
I
V
M
M
)
sin(
)
sin(
j
q
w
q
w-
+
+
t
t
I
V
M
M
)]
)
(
2
cos(
[cos
j
q
w
j-
+
-
t
I
V
RMS
RMS
)
)
(
2
cos(
j
q
w-
+
t
VI
j
cos
RMS
RMS I
V
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com