Electronic Components Datasheet Search
  English  ▼

X  

SA4104ASAR Datasheet(PDF) 12 Page - Sames

Part # SA4104ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4104ASAR Datasheet(HTML) 12 Page - Sames

Back Button SA4104ASAR Datasheet HTML 8Page - Sames SA4104ASAR Datasheet HTML 9Page - Sames SA4104ASAR Datasheet HTML 10Page - Sames SA4104ASAR Datasheet HTML 11Page - Sames SA4104ASAR Datasheet HTML 12Page - Sames SA4104ASAR Datasheet HTML 13Page - Sames SA4104ASAR Datasheet HTML 14Page - Sames SA4104ASAR Datasheet HTML 15Page - Sames SA4104ASAR Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SPEC-1654 (REV. 4)
12/18
29-09-2017
SA4104A / SA4104B
OUTPUT SIGNALS
LED Output (LED)
The LED output pin provides a pulse output with a frequency
proportional to the average active energy consumption
measured when in STANDARD mode or FAST mode. A low
pass filter is applied to the instantaneous energy output
directly
after
multiplication.
This
filtering
allows
all
instantaneous components to be removed resulting in a
constant output frequency at constant energy input, even
over a short period of time. The delay of this filter is about
200ms.
The LED output is primarily used for calibration purposes.
The Rated Condition Select inputs (R0, R1, R2, R3) and the
Fast Mode Select input (FMS) allow different nominal output
frequencies to be selected. The FMS input also allows
selection between STANDARD mode and FAST mode. The
LED output is active low. Figure 9 shows the LED output
waveform.
In FAST mode the LED pulse output is set to a nominal
frequency of 5kHz at an input current of 16µARMS on both the
current and voltage channels.
The nominal output frequency of the LED pin is given by
����������������_���������������� = 5000 ×
������������ × ������������ × |cos ����|
162
…(3)
in FAST mode and by
����������������_������������ =
����������������_����������������
��������_������������
…(4)
in STANDARD mode where
IVP and IIP are the analog input currents in µARMS on the
voltage and current sense inputs,
is the phase angle between the current and voltage signals
and
DF_LED is the LED divider selected by R0, R1, R2, R3 and
FMS according to Table 2.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tL = 1/fLED_FAST in FAST mode (fLED_FAST as per Equation 3)
= 1/fLED_STD in STANDARD mode (fLED_STD as per
Equation 4)
tLP = 91.5ms when tL > 183ms in STANDARD mode
= tL/2 when tL < 183ms in STANDARD mode
= 69μs in FAST mode
Figure 9: LED pulse output waveform
Motor Pulse Output (MON, MOP)
The MON and MOP pins are complimentary outputs with a
frequency
proportional
to
the
average
active
power
consumption measured. These active high outputs can be
used to either directly drive a stepper motor counter or an
electro-mechanical impulse counter. The Rated Condition
Select inputs (R0, R1, R2, R3) as well as the Fast Mode
Select input (FMS) allow the selection of different output
frequencies corresponding to different meter constants.
Figure 10 indicates the timing of these signals.
The nominal output frequency of each motor output is given
by:
���������������� =
����������������_������������
��������_��������
…(5)
where
fLED_STD is the output frequency of the LED output in
STANDARD mode as per Equation 4 and
DF_MO is the motor divider selected by R0, R1, R2, R3 and
FMS according to Table 2
When connecting a stepper motor counter between MON and
MOP the output pulse rate is effectively doubled because the
pulses on both MON and MOP contribute to incrementing the
counter.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tM
= 1/fMOT (fMOT as per Equation 5)
tMP
= 220ms when tM > 440ms
= tM/2 when tM < 440ms
tMS
= tM/2
tMSP = tMS-tMP when tM > 440ms
= 6.7μs when tM < 440ms
Figure 10: Motor pulse output waveform
t
LP
t
L
t
MP
t
MS
t
M
t
MSP
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com