Electronic Components Datasheet Search
  English  ▼

X  

SA4301A Datasheet(PDF) 14 Page - Sames

Part # SA4301A
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301A Datasheet(HTML) 14 Page - Sames

Back Button SA4301A Datasheet HTML 10Page - Sames SA4301A Datasheet HTML 11Page - Sames SA4301A Datasheet HTML 12Page - Sames SA4301A Datasheet HTML 13Page - Sames SA4301A Datasheet HTML 14Page - Sames SA4301A Datasheet HTML 15Page - Sames SA4301A Datasheet HTML 16Page - Sames SA4301A Datasheet HTML 17Page - Sames SA4301A Datasheet HTML 18Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SPEC-1538 (REV. 7)
14/23
29-09-2017
SA4301A
voltage fail LED driver outputs will pulse with a repetition rate
of approximately 1Hz. A phase sequence error will only be
indicated if three stable phase voltages are present. When
the SA4301A detects a missing phase voltage on a specific
channel that channel will be masked on the programmable
adder, which means that any residual energy measured on
that channel will not appear on the LED and motor outputs.
PH/DIR = 0 (Direction indication): When PH/DIR is low
(logic 0) energy direction information for each individual
channel is available on the PH1, PH2 and PH3 pins. A logic
1 on any of these pins indicates reverse energy flow for the
specific channel and a logic 0 indicates positive energy flow.
Reverse energy flow is defined as the condition where the
voltage and current input signals on a specific channel are
out of phase (phase angle greater than 90 degrees), while
positive energy flow is defined as the condition where the
voltage and current input signals on a specific channel are in-
phase (phase angle smaller than 90 degrees). Referring to
Figure 11 the direction LED for a specific channel will be
activated when the direction is negative and de-activated
when the direction is positive. A power-on reset at start-up
will set the direction indication for all channels to low (logic 0).
The direction LEDs will therefore be turned off at start-up.
Once negative energy has been detected on a specific
channel the LED will turn on. If a missing phase voltage is
detected on a specific channel or if the energy measured on
that channel is below the anti-creep threshold the direction
indication of that channel will default to logic 0, thereby also
turning the direction LED of that channel off. If a phase
sequence error is detected the direction outputs still indicate
the energy direction detected on the specific channels.
ANTI-TAMPER FEATURES
LED Array
The SA4301A caters for numerous meter tamper conditions, which are indicated by an LED array as follows:
Figure 11: Multiplexing tamper LED array
R2
R1
R3
SA4301A
PH2
PH3
PH/DIR
PH1
PHASE 3
DIR 3
Channel 3
PHASE 2
DIR 2
Channel 2
PHASE 1
DIR 1
Channel 1
PH (drive)
DIR (sink)
1k
1k
1k
MAINS1
DIR1
DIR2
DIR3
MAINS2
MAINS3
D2
D1
D4
D3
D6
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com