Electronic Components Datasheet Search
  English  ▼

X  

RT9263 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9263
Description  HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation RT9263 Datasheet HTML 9Page - Richtek Technology Corporation RT9263 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9263
Preliminary
www.richtek-ic.com.tw
DS9263-00 November 2001
6
Typical Operating Charateristics
No Load Current
0
10
20
30
40
50
60
70
80
90
1
1.2
1.5
2
2.5
3
Input Voltage (V)
Refer to Application Circuit Fig.1
TA = 25
°C
VOUT = 3.3V
No Load Current
0
20
40
60
80
100
120
140
1
1.2
1.5
2
2.5
3
4
Input Voltage (V)
Refer to Application Circuit Fig.1
TA = 25
°C
VOUT = 5.0V
Start Up Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
020
40
60
80
100
ILOAD (mA)
Refer to Application Circuit Fig.1
TA = 25
°C
VOUT = 3.3V
ILOAD (mA) in constant resistance load
Start Up Voltage
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
0
25
50
75
100
ILOAD (mA)
Refer to Application Circuit Fig.1
TA = 25
°C
VOUT= 5.0V
ILOAD (mA) in constant resistance load
VOUT = 3.3V ; TA = 25°C
Efficiency
VOUT= 5.0V; TA = 25°C
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com