Electronic Components Datasheet Search
  English  ▼

X  

RT9263C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9263C
Description  HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9263C Datasheet HTML 1Page - Richtek Technology Corporation RT9263C Datasheet HTML 2Page - Richtek Technology Corporation RT9263C Datasheet HTML 3Page - Richtek Technology Corporation RT9263C Datasheet HTML 4Page - Richtek Technology Corporation RT9263C Datasheet HTML 5Page - Richtek Technology Corporation RT9263C Datasheet HTML 6Page - Richtek Technology Corporation RT9263C Datasheet HTML 7Page - Richtek Technology Corporation RT9263C Datasheet HTML 8Page - Richtek Technology Corporation RT9263C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
RT9263
DS9263-00 November 2001
www.richtek-ic.com.tw
1
High Efficiency, Low Supply Current,
Step-up DC/DC Converter
General Description
The RT9263 is a compact, high efficient, step-up
DC/DC converter with an adaptive current mode
PWM control loop, providing a stable and high
efficient operation over a wide range of load
currents. It operates in both continuous and
discontinuous current modes in stable waveforms
without external compensation.
The low start-up input voltage below 1V makes
RT9263 suitable for 1 to 4 battery cell applications
providing up to 400mA output current. The 550KHz
high switching rate minimized the size of external
components. Besides, the 17
µA low quiescent
current together with high efficiency maintains long
battery lifetime.
Ordering Information
RT9263
Typical Application Circuit
Features
1.0V Low Start-up Input Voltage
High Supply Capability to Deliver 3.3V 100mA
with 1V Input Voltage
17
µµµµA Quiescent (Switch-off) Supply Current
90% Efficiency
550KHz Fixed Switching Rate
Providing Flexibility for Using Internal and
External Power Switches
SOT89-5 Package
Applications
PDA
Portable Instrument
DSC
Pin Configurations
Part Number
Pin Configurations
RT9263CCX5
(Plastic SOT89-5)
TOP VIEW
1. CE
2. VDD
3. FB
4. LX
5. GND
RT9263ECX5
(Plastic SOT89-5)
TOP VIEW
1. EXT
2. VDD
3. FB
4. LX
5. GND
Fig. 1 RT9263CCX5 Typical Application for Portable Instruments below 400mA
Operating temperature range
C: Commercial standard
Package type
X5 : SOT89-5
C : Chip enable control
E : Driver for external power devices
54
3
2
1
54
3
2
1
C1
100
µF
VDD
CE
LX
GND
FB
3.3V
VOUT1
C2
1
µF
D1
1N5819
L1
4.7
µH
R1
1.6M
R2
980K
VIN
100pF
100
µF
RT9263CCX5
+


Similar Part No. - RT9263C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9263CGX5 RICHTEK-RT9263CGX5 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
RT9263CPX5 RICHTEK-RT9263CPX5 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
More results

Similar Description - RT9263C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com