Electronic Components Datasheet Search
  English  ▼

X  

BAS40 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS40
Description  SMD Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS40_17 Datasheet HTML 1Page - Diotec Semiconductor BAS40_17 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40, BAS40-04, BAS40-05, BAS40-06
BAS40, BAS40-04, BAS40-05, BAS40-06
SMD Small Signal Schottky Diodes
SMD Kleinsignal-Dioden
IFAV = 200 mA
VF1
< 0.38 V
Tjmax = 150°C
VRRM = 40 V
IFSM = 600 mA
trr
< 5 ns
Version 2017-01-25
SOT-23
(TO-236)
Dimensions - Maße [mm]
Typical Applications
Signal processing, High-speed
switching, Polarity protection
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Verpolschutz
Standardausführung 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschicht-Kapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Single
Diode
BAS40
1 = A 2 = n. c. 3 = C
Type
Code
43
Series
Connection
BAS40-04
1 = A1 2 = C2 3 = C1/A2
Type
Code
44
Common
Cathode
BAS40-05
1 = A1 2 = A2 3 = C1/C2
Type
Code
45
Common
Anode
BAS40-06
1 = C1 2 = C2 3 = A1/A2
Type
Code
46
Maximum ratings 2)
Grenzwerte 2)
Power dissipation − Verlustleistung 3)
Ptot
310 mW 4)
Max. average forward current – Dauergrenzstrom
DC
IFAV
200 mA 4)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 4)
Non repetitive peak forward surge current – Stoßstrom-Grenzwert
tp ≤ 1 s
IFSM
600 mA
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
40 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Total power dissipation of both diodes − Summe der Verlustleistungen beider Dioden
4
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
©
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9
±0.1
-0.05
-0.2
2
1
3
2
3
1
2
1
3
2
1
3


Similar Part No. - BAS40_17

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS40W1 SEMTECH_ELEC-BAS40W1 Datasheet
246Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Infineon Technologies A...
BAS40 INFINEON-BAS40_11 Datasheet
125Kb / 3P
HiRel Silicon Schottky Diode
V2, February 2011
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
200mW, Low VF, SMD Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS40 MCC-BAS40_13 Datasheet
294Kb / 4P
Surface Mount Schottky Barrier Diode 200 mWatt Tape & Reel EIA Standard 481.
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
More results

Similar Description - BAS40_17

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBH0230-G COMCHIP-CDBH0230-G Datasheet
105Kb / 4P
SMD Small Signal Schottky Diodes
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54_16 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_17 Datasheet
195Kb / 2P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_18 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
SD103AW DIOTEC-SD103AW_18 Datasheet
132Kb / 2P
SMD Small Signal Schottky Diodes
1SS369 DIOTEC-1SS369 Datasheet
119Kb / 1P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_1 Datasheet
177Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_18 Datasheet
192Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_18 Datasheet
184Kb / 2P
SMD Small Signal Schottky Diodes
BAS70E DIOTEC-BAS70E Datasheet
179Kb / 2P
SMD Small Signal Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com