Electronic Components Datasheet Search
  English  ▼

X  

S30RCE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S30RCE
Description  Center Tap Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S30RCE Datasheet(HTML) 1 Page - Vishay Siliconix

  S30RCE Datasheet HTML 1Page - Vishay Siliconix S30RCE Datasheet HTML 2Page - Vishay Siliconix S30RCE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
165
S30R / A30R, S30V / A30V
Vishay Thin Film
Document Number: 60073
Revision 01-May-03
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TAMELOX®
TANTALUM NITRIDE
Resistance Range
4.7 - 1M ohm Silicon
4.7 - 52K ohms alumina
TCR:
Tracking
± 2ppm/°C
±5ppm/°C- 55°C to +125°C
Absolute
± 50ppm/°C
±100ppm/°C- 55°C to +125°C
Absolute Tolerance:
± 20% to ± 0.1%
Resistance Ratio Accuracy
± 2% Standard
Power Rating:
250mW
@ + 70
°C
Stability (
∆R Ratio)
Less than 0.1% Max.
∆R/R
(0.05% typical)
2,000 hrs. @ +70
°C
Voltage Coefficient
> 5ppm/Volt
Working Voltage
100V Max. all styles
Operating Temperature Range
- 55
°C to + 125°C
Storage Temperature Range
- 55
°C to + 125°C
Noise
- 35dB
Thermal EMF
0.08
µV/°C
Shelf Life Stability
100ppm
1 Year @ +25
°C
FEATURES
• 30 Mil Square Size.
• Resistance Range:
(Silicon Substrate)
Equal value - 4.7 ohms to 1M total
Unequal value - 4.7 ohms to 500K per resistor
(Alumina Substrate)
Equal value - 4.7 ohms to 52K total
Unequal value - 4.7 ohms to 26K per resistor
• Gold terminations with Tamelox® or Tantalum nitride resistor film.
• 4 digit custom marking available
• Low value indicator for unequal values
Center Tap Chip Resistor
Actual Size
CHIP DIAGRAM
Center tap chip resistors allow for greater flexibility of hybrid
layout design by utilizing the smallest area for two resistors.
Since both resistors are from the same film system, excellent
tracking is inherent in the chip. Connecting to the center tap
yields half the value: connecting the two resistors in parallel
results in one quarter value on equal value resistor styles.
Equal Value (S30R, A30R series)
Unequal value (S30V, A30V series)
STANDARD ELECTRICAL SPECIFICATIONS
ABS
TCR
50
TOL
1
TYPICAL PERFORMANCE


Similar Part No. - S30RCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S30RW3FF200 ETC2-S30RW3FF200 Datasheet
842Kb / 7P
Sensors - ac-Voltage
logo
Banner Engineering Corp...
S30RW3FF200 BANNER-S30RW3FF200 Datasheet
341Kb / 7P
S30 Sensors AC-Voltage Series
logo
List of Unclassifed Man...
S30RW3FF400 ETC2-S30RW3FF400 Datasheet
842Kb / 7P
Sensors - ac-Voltage
logo
Banner Engineering Corp...
S30RW3FF400 BANNER-S30RW3FF400 Datasheet
341Kb / 7P
S30 Sensors AC-Voltage Series
logo
List of Unclassifed Man...
S30RW3FF600 ETC2-S30RW3FF600 Datasheet
842Kb / 7P
Sensors - ac-Voltage
More results

Similar Description - S30RCE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
Dual Value Chip Resistor, Center Tap
22-Jul-03
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
Dual Value Chip Resistor, Center Tap
27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
Dual Value, Chip Resistor Center Tap
24-Feb-06
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
CENTER TAP DIODES
logo
Vishay Siliconix
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
Center tap module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com