Electronic Components Datasheet Search
  English  ▼

X  

SC9302C Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC9302C
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302C Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC9302C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302C Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
8
TONE MODE ELECTRICAL CHARACTERISTICS
(Tamb=25
°C, fosc=3.5795MHz,unless otherwise specified)
Test Conditions
Parameter
Symbol
VDD
Condition
Min
Typ
Max
Unit
DTMF Output DC Level
V
TDC
--
--
0.45V
DD
--
0.7V
DD
V
DTMF Sink Current
I
TOL
2.5V
V
DTMF =0.5V
0.1
--
--
mA
DTMF Output AC Level
V
TAC
--
Row group, R
L =5k
Ω
0.12
0.155
0.18
Vrms
DTMF Output Load
R
L
2.5V
THD
≤ -23dB
5
--
--
k
Ω
Column Pre-emphasis
A
CR
2.5V
Row group = 0dB
1
2
3
dB
Tone Signal Distortion
THD
2.5V
R
L =5k
Ω
--
-30
-23
dB
Others
--
82.5
--
Minimum Tone Duration
T
TMIN
--
Auto-redial
9302G
--
100
--
ms
Others
--
85.5
--
Minimum Inter-tone Pause
T
ITPM
--
Auto-redial
9302G
--
106
--
ms
THD (Distortion)(dB)=20log
)
V
+
V
/
V
+
...
+
V
+
V
(
2
h
2
i
2
n
2
2
2
1
Vi, Vh: Row group and column group signals
V
1,V2, …Vn: Harmonic signals (BW=300Hz~3500Hz)
APPROXIMATE INTERNAL CONNECTION CIRCUITS
NMOS OUT
CMOS IN/OUT
VDD
CMOS IN
CMOS OUT
VDD
CMOS IN
Pull-High
VDD
CMOS IN
Pull-Low
EN
10pF
20pF
10M
X1
X2
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com