Electronic Components Datasheet Search
  English  ▼

X  

SW50N06 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SW50N06
Description  50A,60V Heatsink Planar N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SW50N06 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SW50N06 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SW50N06 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. SW50N06 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. SW50N06 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. SW50N06 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. SW50N06 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
RDS(ON) = 0.022 ohm
ID = 50A
BVDSS = 60V
●
●
●
▲
◀
●
●
●
▲
◀
2. Drain
3. Source
1. Gate
Pb Free Plating Product
SW50N06
Pb
50A,60V Heatsink Planar N-Channel Power MOSFET
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-220M-SQ pkg is well suited for
adaptor power units,amplifiers,inverters and SMPS application.
TO-220M-SQ
1
2
3
• 50A, 60V, RDS(on) = 0.022Ω @VGS = 10 V
• Low gate charge ( typical 31 nC)
• Low Crss ( typical 65 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
50
A
- Continuous (TC = 100°C)
35.4
A
IDM
Drain Current
- Pulsed
(Note 1)
200
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
490
mJ
IAR
Avalanche Current
(Note 1)
50
A
EAR
Repetitive Avalanche Energy
(Note 1)
12
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Power Dissipation (TC = 25°C)
120
W
- Derate above 25°C
0.8
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.24
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
Symbol
Parameter
SW50N06
Units
SW50N06
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/6
Rev.08C


Similar Part No. - SW50N06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW50N06 ETC1-SW50N06 Datasheet
594Kb / 6P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SW50N06 VBSEMI-SW50N06 Datasheet
981Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW50N06A SEMIPOWER-SW50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW50N06A SEMIPOWER-SW50N06A Datasheet
576Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
More results

Similar Description - SW50N06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FQP50N06 THINKISEMI-FQP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
CJP50N06 THINKISEMI-CJP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
JCS50N06CH THINKISEMI-JCS50N06CH Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
KIA50N06 THINKISEMI-KIA50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com