Electronic Components Datasheet Search
  English  ▼

X  

SC9302AT Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9302AT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302AT Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9302AT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302AT Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
1
1-MEMORY/2-MEMORY TONE/PULSE
DIALER
DESCRIPTION
The SC9302 series tone/pulse dialers are CMOS LSIs for the
telecommunication system. They are designed to meet various
dialing specifications through resistor options matrix.
The SC9302 series tone/pulse dialers are offered in four different
versions. They are SC9302X normal version, SC9302/F/G/H simple
version, SC9302XT key-tone version and SC9302XLT key-tone/lock
functions version. The SC9302X normal version provides the pin-
selected lock function; the SC9302XT version provides the key-tone
function; the SC9302XLT version provides both the key-tone function
and key board-operated IDD lock function. All of the above three
versions also supply the following functions: Hold-line, Hand-free and
LCD dialing number display interface, all of which are suitable for
feature phone applications. However, the SC9302F/G/H version is
simpler than the other three versions. It provides only a redialing
memory for a simple low-cost system application.
SDIP-24
SC9302D Package
FEATURES
*Universal specification
*Operating voltage: 2.0V~5.5V
*Low stand-by current
*Low memory retention current:0.1
µA(Typ.)
*Tone/pulse switchable
*Interface with LCD driver
*32 digits for redialing
*32 digits for the SA memory dialing
*One-key redialing
*Pause and P
→T key for PBX
*4x4 keyboard matrix
*3.58MHz crystal or ceramic resonator
*Hand-free control
*Hold-line control
*Pause, P
→T can be saved for redialing
*Lock function
*Key tone function
*Resistor options:
-M/B ratio
-Flash function and flash time
-Pause and P
→T duration
-Pulse number
-Keyboard operated IDD lock function


Similar Part No. - SC9302AT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9302 FAIRVIEW-SC9302 Datasheet
28Kb / 1P
N-M CLAMP RG55, RG58
REV A
More results

Similar Description - SC9302AT

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
1-Memory/2-Memory Tone/Pulse Dialer
8th Feb 96
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
1-Memory/2-Memory Tone/Pulse Dialer
September 30, 2002
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
15-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
1-Memory/2-Memory Tone/Pulse Dialer
May 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com