Electronic Components Datasheet Search
  English  ▼

X  

S30RDC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S30RDC
Description  Center Tap Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S30RDC Datasheet(HTML) 3 Page - Vishay Siliconix

  S30RDC Datasheet HTML 1Page - Vishay Siliconix S30RDC Datasheet HTML 2Page - Vishay Siliconix S30RDC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
167
S30R / A30R, S30V / A30V
Vishay Thin Film
Document Number: 60073
Revision 01-May-03
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Center Tap Chip Resistor
Chip
Ratio
TCR
Ohmic
Absolute
Element
Substrate
Type/Size
Tolerance
Characteristic
Value
Tolerance
Technology
S
= Silicon
Center Tap
S =
±2.0%
The first three digits
B =
±0.1% N = Tamelox®
(Si0
2)
Chip Resistors
(Standard)
E =
±25 ppm/°C
are significant figures
C =
±0.2%
Gold Pads
30R = (0.030 x 0.030),
A =
±1.0%
C =
±50 ppm/°C
and the last digit
D =
±0.5% T =Ta
2N with
Equal value
D =
±0.5%
K =
± 100ppm/°C
specifies the number
F =
±1.0%
Gold Pads
C =
±0.2%
of zeros to follow.
G =
±2.0%
A
= Alumina
30V = (0.030 x 0.030)
B =
±0.1%
NOTES:
Example:
J =
±5.0%
Al
2O3
Unequal Value
Best available
1R00 = 1 ohm
M = Values
(99.6%
N =
under 100 ohms
10R0 = 10 ohms
less than 10
purity)
Not Applicable
±100 ppm/°C
12R5 = 12.5 ohms
ohms use
1000 = 100 ohms
±1 ohm
1001 = 1000 ohms
X = Special
NOTE:
For Unequal values
(S30V, S30I Styles)
List Both Nominals
Example:
25K/10K = 2502/1002
Max. Value/Resistor
on Alumina is:
A30 26K/26K
Tamelox® Film
How to Order
Example: S3ORSC1002FN is a 30 mil square center tap chip resistor on silicon with a TCR of
±50 ppm/°C, resistance value
of 10K ohms, and absolute tolerance of
±1%, Tamelox® Resistor Film. Gold pads.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com