Electronic Components Datasheet Search
  English  ▼

X  

F15244 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F15244
Description  Florence Lens array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15244 Datasheet(HTML) 2 Page - Ledil, Inc.

  F15244 Datasheet HTML 1Page - Ledil, Inc. F15244 Datasheet HTML 2Page - Ledil, Inc. F15244 Datasheet HTML 3Page - Ledil, Inc. F15244 Datasheet HTML 4Page - Ledil, Inc. F15244 Datasheet HTML 5Page - Ledil, Inc. F15244 Datasheet HTML 6Page - Ledil, Inc. F15244 Datasheet HTML 7Page - Ledil, Inc. F15244 Datasheet HTML 8Page - Ledil, Inc. F15244 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Typical setup
NOTE: INCOMPATIBLE WITH C14437_FLORENCE-PF-3R
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:3 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
F15244
FLORENCE-ZT25-S
PMMA
F15244_FLORENCE-ZT25-S
F15244
59 g
20
20
Bottom view
LED center
position
Wire outlet both sides
B
286
Top view
A
C
4
11.41
Front view
280
PCB
PCB
EXAMPLE
PCB Fortimo LED Line 1ft 3R (Hatched)
8.85
4.8
M4 screw recommended
Detail A
4:3
1.5
1.5
Detail B
4:3
Detail C
4:3
Asymmetric light
direction indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com