Electronic Components Datasheet Search
  English  ▼

X  

SC9302F Datasheet(PDF) 17 Page - Silan Microelectronics Joint-stock

Part # SC9302F
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302F Datasheet(HTML) 17 Page - Silan Microelectronics Joint-stock

Back Button SC9302F Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9302F Datasheet HTML 21Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
17
13. KEY DEFINITION
Key Name
Function
0,1,2,3,4,5,6,7,8,9
numerical keys
These are dialing number input keys for both the pulse mode and the tone mode
operations.
*/T
This key executes the P
T function and waits a T
P T duration in the pulse mode. On
the other hand, the */T key executes the * function in the tone mode.
#
This is a dialing signal key for the tone mode only, no response in the pulse mode.
SA
Pressing this key can save the preceding dialing telephone numbers. The saved
number is redialed if it is pressed again. SA will also redial the saved number if it is the
first key depressed at the off-hook state. During the dialing signal transmission, the SA
key is inhibited.
F
The flash key can be selected as a digit or a control key by the option resistors
R
K13&RK14. Pressing the flash key will force the
PO pin to be “low” for the TF duration
and is then followed by T
FP(sec). TF can also be selected by RK13, RK14.
P
Pause key. The execution of the pause key pauses the output for the T
P duration. TP
can be selected by R
K21.
R
Redial key. It executes the redialing as well as one-key redial function.
ST
This key can store lock number with personal code in IDD lock operation.
R/P
Redial and pause function key. If it is pressed as the first key after off-hook, this key
executes the redial function. Otherwise, it works as the pause key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com