Electronic Components Datasheet Search
  English  ▼

X  

SI7810DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7810DN
Description  N-Channel 100-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7810DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7810DN Datasheet HTML 1Page - Vishay Siliconix SI7810DN Datasheet HTML 2Page - Vishay Siliconix SI7810DN Datasheet HTML 3Page - Vishay Siliconix SI7810DN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7810DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 70689
S-04559—Rev. A, 27-Aug-01
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 80 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
a
VGS = 10 V, ID = 5.4 A
0.052
0.062
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6 V, ID = 4.6 A
0.070
0.084
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.4 A
12
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.78
1.2
V
Dynamicb
Total Gate Charge
Qg
13.5
17
Gate-Source Charge
Qgs
VDS = 50 V, VGS = 10 V, ID = 5.4 A
3
nC
Gate-Drain Charge
Qgd
4.6
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = 50 V, RL = 50 W
15
25
Turn-Off Delay Time
td(off)
VDD = 50 V, RL = 50 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
20
30
ns
Fall Time
tf
15
25
Source-Drain Reverse Recovery Time
trr
IF = 3.2 A, di/dt = 100 A/ms
45
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
012
34
567
0
4
8
12
16
20
0
1234
5
VGS = 10 thru 7 V
25
_C
TC = 125_C
4 V
–55
_C
5 V
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
6 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com