Electronic Components Datasheet Search
  English  ▼

X  

CCR-33MX0-R Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CCR-33MX0-R
Description  Latching SPDT Coaxial Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33MX0-R Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

  CCR-33MX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33M/CR-33M Page 7
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCR-33M/CR-33M PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.
1
CCR-33MXC
43
CCR-33MXD-N
85
CCR-33MXE-TNM
2
CCR-33MXC-D
44
CCR-33MXD-N
86
CCR-33MXE-TNMS
3
CCR-33MXC-DM
45
CCR-33MXD-NM
87
CCR-33MXE-TNS
4
CCR-33MXC-DMS
46
CCR-33MXD-NMS
88
CCR-33MX0
5
CCR-33MXC-DN
47
CCR-33MXD-NS
89
CCR-33MX0-D
6
CCR-33MXC-DNM
48
CCR-33MXD-R
90
CCR-33MX0-DM
7
CCR-33MXC-DNMS
49
CCR-33MXD-RM
91
CCR-33MX0-DMS
8
CCR-33MXC-DNS
50
CCR-33MXD-RMS
92
CCR-33MX0-DN
9
CCR-33MXC-DR
51
CCR-33MXD-RN
93
CCR-33MX0-DNM
10
CCR-33MXC-DRM
52
CCR-33MXD-RNM
94
CCR-33MX0-DNMS
11
CCR-33MXC-DRMS
53
CCR-33MXD-RNMS
95
CCR-33MX0-DNS
12
CCR-33MXC-DRN
54
CCR-33MXD-RNS
96
CCR-33MX0-DR
13
CCR-33MXC-DRNMS
55
CCR-33MXD-RS
97
CCR-33MX0-DRM
14
CCR-33MXC-DRNS
56
CCR-33MXD-S
98
CCR-33MX0-DRMS
15
CCR-33MXC-DRS
57
CCR-33MXD-T
99
CCR-33MX0-DRN
16
CCR-33MXC-DS
58
CCR-33MXD-TM
100
CCR-33MX0-DRNMS
17
CCR-33MXC-M
59
CCR-33MXD-TMS
101
CCR-33MX0-DRNS
18
CCR-33MXC-MS
60
CCR-33MXD-TN
102
CCR-33MX0-DRS
19
CCR-33MXC-N
61
CCR-33MXD-TNM
103
CCR-33MX0-DS
20
CCR-33MXC-NM
62
CCR-33MXD-TNMS
104
CCR-33MX0-M
21
CCR-33MXC-NMS
63
CCR-33MXD-TNS
105
CCR-33MX0-MS
22
CCR-33MXC-NS
64
CCR-33MXE
106
CCR-33MX0-N
23
CCR-33MXC-R
65
CCR-33MXE-M
107
CCR-33MX0-NM
24
CCR-33MXC-RM
66
CCR-33MXE-MS
108
CCR-33MX0-NMS
25
CCR-33MXC-RMS
67
CCR-33MXE-N
109
CCR-33MX0-NS
26
CCR-33MXC-RN
68
CCR-33MXE-N
110
CCR-33MX0-R
27
CCR-33MXC-RNM
69
CCR-33MXE-NM
111
CCR-33MX0-RM
28
CCR-33MXC-RNMS
70
CCR-33MXE-NMS
112
CCR-33MX0-RMS
29
CCR-33MXC-RNS
71
CCR-33MXE-NS
113
CCR-33MX0-RN
30
CCR-33MXC-RS
72
CCR-33MXE-R
114
CCR-33MX0-RNM
31
CCR-33MXC-S
73
CCR-33MXE-RM
115
CCR-33MX0-RNMS
32
CCR-33MXC-T
74
CCR-33MXE-RMS
116
CCR-33MX0-RNS
33
CCR-33MXC-TM
75
CCR-33MXE-RN
117
CCR-33MX0-RS
34
CCR-33MXC-TMS
76
CCR-33MXE-RNM
118
CCR-33MX0-S
35
CCR-33MXC-TN
77
CCR-33MXE-RNMS
119
CCR-33MX0-T
36
CCR-33MXC-TNM
78
CCR-33MXE-RNS
120
CCR-33MX0-TM
37
CCR-33MXC-TNMS
79
CCR-33MXE-RS
121
CCR-33MX0-TMS
38
CCR-33MXC-TNS
80
CCR-33MXE-S
122
CCR-33MX0-TN
39
CCR-33MXC-TS
81
CCR-33MXE-T
123
CCR-33MX0-TNM
40
CCR-33MXD
82
CCR-33MXE-TM
124
CCR-33MX0-TNMS
41
CCR-33MXD-M
83
CCR-33MXE-TMS
125
CCR-33MX0-TNS
42
CCR-33MXD-MS
84
CCR-33MXE-TN
126
CCR-33MX0-TS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com