Electronic Components Datasheet Search
  English  ▼

X  

SCH100 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # SCH100
Description  Software Compensated OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SCH100 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  SCH100 Datasheet HTML 1Page - Advanced Crystal Technology SCH100 Datasheet HTML 2Page - Advanced Crystal Technology SCH100 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCH100 Series Software-Compensated OCXO
2
Doc. #: SCH100-3P-SS
Rev: -
Parameter
Minimum
Typical
Maximum
Units
Notes
Frequency Range
5
13
MHz
Operational Temperature Range
-45
+85
°C
Contact manufacturer for tailored
temp. range specifications
Frequency vs. Temperature
±0.2
±1.0
ppb
See ordering info for other options.
Temperature Slope
8
ppt/°C
Frequency vs. Supply
±2
ppb
Hysteresis
0.5
TBD
ppb
10 °C/hour
Warm-up
5
minutes
±100 ppb of 1 hr frequency @ 25 °C
Retrace
±5
TBD
ppb
24 hours off; 1 hour on
Aging
±1
ppb/day
±50
ppb/year
±300
ppb/20 years
Phase Jitter
1
ps rms
BW = 10 Hz to Fo/2
Allan Deviation
1.00 E-11
rms
Supply Voltage
3.13
3.3
3.47
Volts
Input Power
3.8
Watts
During warmup
1.5
Watts
Steady state
Output Characteristics
Output Level High (Voh)
3
Volts
Output Low (Vol)
0.4
Volts
Duty Cycle
45
50
55
%
Rise/Fall Time
6
ns
Voltage Control Characteristics
Voltage Range
0.3
3
Volts
Pullability
±0.40
ppm
Input Z
100K
Ohms
Phase Noise Characteristics
1 Hz Offset
-85
dBc/Hz
10 Hz Offset
-115
dBc/Hz
100 Hz Offset
-140
dBc/Hz
1 KHz Offset
-145
dBc/Hz
10 KHz Offset
-150
dBc/Hz
100 KHz Offset
-150
dBc/Hz
Standard Specifications:
Ordering Information:
SCH100-XXMXXXXXX-Z-A
Frequency (5-13 MHz)
Package Option (A or B)
Temp Stability (in ppb)
X: ±1.0 Y: ±0.5 Z: ±0.2
Preliminary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com