Electronic Components Datasheet Search
  English  ▼

X  

SCH101 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # SCH101
Description  Software Compensated OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SCH101 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  SCH101 Datasheet HTML 1Page - Advanced Crystal Technology SCH101 Datasheet HTML 2Page - Advanced Crystal Technology SCH101 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCH101 Series Software-Compensated OCXO
2
Doc. #: SCH101-3P-SS
Rev: -
Parameter
Minimum
Typical
Maximum
Units
Notes
Frequency Range
8
13
MHz
Operational Temperature Range
-45
+85
°C
Frequency vs. Temperature
±0.2
±1.0
ppb
See ordering info for other options.
Temperature Slope
5
ppt/°C
Frequency vs. Supply
±0.3
ppb
Hysteresis
TBD
ppb
10 °C/hour
Warm-up
5
minutes
±100 ppb of 1-hour frequency @ 25 °C
Retrace
±10
TBD
ppb
24 hours off; 30 minutes on
Aging
±0.5
ppb/day
±50
ppb/1st year
±30
ppb/2nd year
Acceleration Sensitivity
±1
ppb/G
Allan Deviation
2E-12
rms
Supply Voltage
4.75
5.0
5.25
Volts
Input Power
2.6
Watts
During warmup
0.8
1.0
Watts
Steady state
Output Characteristics
Output Level High (Voh)
3.0
Volts
Output Low (Vol)
0.1
Volts
Duty Cycle
40
50
60
%
Rise/Fall Time
6
ns
Voltage Control Characteristics
Voltage Range
0.0
4.5
Volts
Pullability
±0.40
±0.50
ppm
Input Z
10K
Ohms
Phase Noise Characteristics
1 Hz Offset
-112
dBc/Hz
10 Hz Offset
-145
dBc/Hz
100 Hz Offset
-155
dBc/Hz
1 KHz Offset
-162
dBc/Hz
10 KHz Offset
-169
dBc/Hz
100 KHz Offset
-172
dBc/Hz
Standard Specifications:
Ordering Information:
SCH101-XXMXXXXXX-Z-E
Nominal Frequency
(8-13 MHZ)
External Frequency Adjust
E: Elect (Standard)
D: Digital (Consult Factory)
Temp Stability (ppb)
X: ±1.0 Y: ±0.5 Z: ±0.2
Preliminary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com