Electronic Components Datasheet Search
  English  ▼

X  

SCT100 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # SCT100
Description  Software-Compensated Clipped-Sine-Output TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SCT100 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  SCT100 Datasheet HTML 1Page - Advanced Crystal Technology SCT100 Datasheet HTML 2Page - Advanced Crystal Technology SCT100 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Doc. #: SCT100-3P-SS
Rev: -
SCT100 Series Software-Compensated TCXO
3
1
6.35
6.35
6.35
19.05 25.4
MAX
6.35
10.0
6.35
25.4
MAX
10.0
19.05
8.80
MAX
0.65±0.15
6.30
0.46±0.03
2
3
4
5
NOTES:
1- DIMENSIONALUNITS: mm
2- TOLERANCE: ±0.1mm
3- PINMARKINGSDONOTAPPEARONTHEDEVICE
4- PINSLABELED"N/C" SHOULDBELEFTFLOATING
PIN# FUNCTION
1
OUTPUT
2
N/C
3
GND
4
N/C
5
EFC
6
OE
7
N/C
8
N/C
9
VCC
4XGLASSSTANDOFFS
MARKINGSURFACE
7
8
9
6
Outline Drawing:
NOTES
1.) Dimensional Units in mm
2.) Tolerance is
±0.1 mm
3.) Pin Markings Do Not Appear On The Device
4.) Pins Labeled "N/C" Should Be Left Floating
Pin Number
Pin Function
1
Output
2
N/C
3
Ground
4
N/C
5
EFC
6
OE
7
N/C
8
N/C
9
V
CC
Preliminary
Preliminary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com