Electronic Components Datasheet Search
  English  ▼

X  

LRTBGVSG Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LRTBGVSG
Description  Ambient light
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGVSG Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LRTBGVSG Datasheet HTML 10Page - OSRAM GmbH LRTBGVSG Datasheet HTML 11Page - OSRAM GmbH LRTBGVSG Datasheet HTML 12Page - OSRAM GmbH LRTBGVSG Datasheet HTML 13Page - OSRAM GmbH LRTBGVSG Datasheet HTML 14Page - OSRAM GmbH LRTBGVSG Datasheet HTML 15Page - OSRAM GmbH LRTBGVSG Datasheet HTML 16Page - OSRAM GmbH LRTBGVSG Datasheet HTML 17Page - OSRAM GmbH LRTBGVSG Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LRTB GVSG
2017-06-15
14
Dominante Wellenlänge
4) Seite 31
Dominant Wavelength
4) page 31
dom = f (IF); TS = 25 °C; true green,
Dominante Wellenlänge
4) Seite 31
Dominant Wavelength
4) page 31
dom = f (IF); TS = 25 °C; blue,
LRTBGVSG-T
IF [mA]
510
520
530
540
550
560
λ dom [nm]
: true green
LRTBGVSG-B
IF [mA]
440
450
460
470
480
490
λ dom [nm]
: blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com