Electronic Components Datasheet Search
  English  ▼

X  

PE3264 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3264
Description  BNC Male to BNC Male Cable Using RG8X Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3264 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3264 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Weight
0.123 lbs [55.79 g]
Cable
Cable Type
RG8X
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Number of Shields
1
Shield Layer 1
Copper Braid
Jacket Material
PVC (NC), Black
Jacket Diameter
0.242 in [6.15 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Dielectric Type
POM
POM
Body Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3264 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Cable Using RG8X Coax, RoHS PE3264
RF Cable Assemblies Technical Data Sheet
PE3264
BNC Male to BNC Male Cable Using RG8X Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com