Electronic Components Datasheet Search
  English  ▼

X  

CCT-38SX30-R Datasheet(PDF) 11 Page - Teledyne Technologies Incorporated

Part # CCT-38SX30-R
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38SX30-R Datasheet(HTML) 11 Page - Teledyne Technologies Incorporated

Back Button CCT-38SX30-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 13Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 14Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-38S/CT-38S Page 11
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that
transfers the RF contacts from one position to another upon
DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode
limits the “reverse EMF spike” generated when the coil de-
energizes to 0.7 volts. The diode cathode is connected to
the positive side of the coil and the anode is connected to
the negative side.
Date Code
All switches are marked with either a unique serial number
or a date code. Date codes are in accordance with MIL-
STD-1285 Paragraph 5.2.5 and consist of four digits.
The first two digits define the year and the last two digits
define the week of the year (YYWW). Thus, 1032 identifies
switches that passed through final inspection during the
32nd week of 2010.
Indicator
Indicators tell the system which position the switch is in.
Other names for indicators are telemetry contacts or tellback
circuit. Indicators are usually a set of internally mounted DC
contacts linked to the actuator. They can be wired to digital
input lines, status lights, or interlocks. Unless otherwise
specified, the maximum indicator contact rating is 30 Vdc,
50 mA, or 1.5 Watts into a resistive load.
Internal Termination
Unselected ports are internally terminated to a matched
load. The load is 50Ω resistive device. The max RF power
rating is 2 Watts CW. Without the internal termination option,
the unselected ports are open circuits.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to
the power at the input connector. It is specified in dB below
the input power level.
Multi-Throw Switch
A multi-throw switch is a switch with one input and three
or more output ports. The CCT-38 can switch a microwave
signal to any of 2,3,4,5 or 6 output from a single common
input.
Switching Time
Switching time is the total interval beginning with the arrival
of the leading edge of the command pulse at the switch DC
input and ending with the completion of the switch transfer,
including contact bounce. It consists of three parts: (1)
inductive delay in the coil, (2) transfer time of the physical
movement of the contacts, and (3) the bounce time of the
RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
TD-Option
This option includes a decoder. The 3-bit parallel command
is decoded to internally select the appropriate position. See
the logic tables. The TD-Option increases the Vsw supply
current demand by 50mA max at 28Vdc and +20°C.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All
data sheets specify these three parameters as “worst case”
at the highest operating frequency. If the switch is to be
used over a narrow frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=
Carrier
Frequency 1
Carrier
Frequency 2
PIM 3rd Order
Frequency
PIM 5th
Order Fre-
quency
870 MHz
893 MHz
847 MHz
824 MHz
3rd Order
Intermodulation
5th Order
Intermodulation
Multiple
Positions
–96 dBm
–115 dBm
–139 dBc
–158 dBc
SPECIAL FEATURE
Switching High-Power or Highly Sensitive Signals
Ensure the most linear response with the best galvanically
matched contact system in the industry. Extremely low
passive intermodulation is standard on all of our switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com