Electronic Components Datasheet Search
  English  ▼

X  

PE4314 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4314
Description  MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4314 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4314 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4314 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4314 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG59, RG62, RG71, .500 inch Threaded Hole
Spacing from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG59, RG62, RG71,
.500 inch Threaded Hole Spacing PE4314
URL: https://www.pasternack.com/mhv-female-standard-rg59-rg62-connector-pe4314-p.aspx
PE4314 REV 1.1
RF Connectors Technical Data Sheet
PE4314
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange
Mount for RG59, RG62, RG71, .500 inch Threaded Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com