Electronic Components Datasheet Search
  English  ▼

X  

PE4314 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4314
Description  MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4314 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4314 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4314 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4314 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MHV Female Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
• 4 Hole Flange
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4314 MHV female 4 hole flange mount connector with clamp/solder attachment for RG59, RG62 and RG71
(.500 inch threaded hole spacing) is part of our full line of RF components available for same-day shipping. This MHV 4 hole
flange connector allows designers to create external connections on their product enclosures, and can be used in a variety of
other rack mount and panel mount applications.
Our MHV female 4 hole flange connector PE4314 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
Width/Dia.
0.687 in [17.45 mm]
Height
0.687 in [17.45 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG59, RG62,
RG71, .500 inch Threaded Hole Spacing PE4314
PE4314 REV 1.1
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange
Mount for RG59, RG62, RG71, .500 inch Threaded Hole Spacing
RF Connectors Technical Data Sheet
PE4314


Similar Part No. - PE4314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE4314 PSEMI-PE4314 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4314A-Z PSEMI-PE4314A-Z Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE4314B-Z PSEMI-PE4314B-Z Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results

Similar Description - PE4314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
PE45035 PASTERNACK-PE45035 Datasheet
358Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with -4 Clearance Mounting Holes
PE4548 PASTERNACK-PE4548_16 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
PE4076 PASTERNACK-PE4076_16 Datasheet
397Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4098 PASTERNACK-PE4098_16 Datasheet
405Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4181 PASTERNACK-PE4181_16 Datasheet
409Kb / 3P
MHV Female Connector Clamp/Solder Attachment
PE4225 PASTERNACK-PE4225_16 Datasheet
405Kb / 3P
MHV Female Connector Clamp/Solder Attachment
PE4228 PASTERNACK-PE4228_16 Datasheet
356Kb / 3P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
PE4299 PASTERNACK-PE4299 Datasheet
320Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com