Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7707 Datasheet HTML 3Page - Analog Devices AD7707 Datasheet HTML 4Page - Analog Devices AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices AD7707 Datasheet HTML 10Page - Analog Devices AD7707 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
AD7707
Rev. B | Page 6 of 52
Parameter
B Version1
Unit
Conditions/Comments
MCLK IN Only
DVDD = 5 V nominal
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
MCLK IN Only
DVDD = 3 V nominal
VINL, Input Low Voltage
0.4
V max
VINH, Input High Voltage
2.5
V min
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V max
ISINK = 800 μA except for MCLK OUT13; DVDD = 5 V
0.4
V max
ISINK = 100 μA except for MCLK OUT13; DVDD = 3 V
VOH, Output High Voltage
4
V min
ISOURCE = 200 μA except for MCLK OUT13; DVDD = 5 V
DVDD − 0.6
V min
ISOURCE = 100 μA except for MCLK OUT13; DVDD = 3 V
Floating State Leakage Current
±10
μA max
Floating State Output Capacitance14
9
pF typ
Data Output Coding
Binary
Unipolar mode
Offset binary
Bipolar mode
SYSTEM CALIBRATION
Low Level Input Channels (AIN1 and AIN2)
Positive Full-Scale Calibration Limit15
(1.05 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Negative Full-Scale Calibration Limit15
−(1.05 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Offset Calibration Limit16
−(1.05 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Input Span16
(0.8 × VREF)/gain
V min
Gain is the selected PGA gain (1 to 128)
(2.1 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
High Level Input Channels (AIN3)
Positive Full-Scale Calibration Limit15
(8.4 × VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Negative Full-Scale Calibration Limit15
−(8.4 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Offset Calibration Limit16
−(8.4 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
Input Span16
(6.4 × VREF)/gain
V min
Gain is the selected PGA gain (1 to 128)
(16.8 ×
VREF)/gain
V max
Gain is the selected PGA gain (1 to 128)
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
2.7 to 3.3 or
4.75 to 5.25
V min to V max
For specified performance
DVDD Voltage
2.7 to 5.25
V min to V max
For specified performance
Power Supply Currents
AVDD Current
AVDD = 3 V or 5 V; gain = 1 to 4
0.27
mA max
Typically 0.22 mA; BUF = 0; fCLKIN = 1 MHz or 2.4576 MHz
0.6
mA max
Typically 0.45 mA; BUF = 1; fCLKIN = 1 MHz or 2.4576 MHz
AVDD = 3 V or 5 V; gain = 8 to 128
0.5
mA max
Typically 0.38 mA; BUF = 0; fCLK IN = 2.4576 MHz
1.1
mA max
Typically 0.81 mA; BUF = 1; fCLK IN = 2.4576 MHz
POWER REQUIREMENTS (Continued)
DVDD Current17
Digital inputs = 0 V or DVDD; external MCLK IN
0.080
mA max
Typically 0.06 mA; DVDD = 3 V; fCLK IN = 1 MHz
0.15
mA max
Typically 0.13 mA; DVDD = 5 V; fCLK IN = 1 MHz
0.18
mA max
Typically 0.15 mA; DVDD = 3 V; fCLK IN = 2.4576 MHz
0.35
mA max
Typically 0.3 mA; DVDD = 5 V; fCLK IN = 2.4576 MHz
Power Supply Rejection18, 19
dB typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com