Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7707 Datasheet HTML 19Page - Analog Devices AD7707 Datasheet HTML 20Page - Analog Devices AD7707 Datasheet HTML 21Page - Analog Devices AD7707 Datasheet HTML 22Page - Analog Devices AD7707 Datasheet HTML 23Page - Analog Devices AD7707 Datasheet HTML 24Page - Analog Devices AD7707 Datasheet HTML 25Page - Analog Devices AD7707 Datasheet HTML 26Page - Analog Devices AD7707 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
AD7707
Rev. B | Page 22 of 52
Table 24. Output Update Rates
CLK1
FS2
FS1
FS0
Output Update Rate
−3 dB Filter Cutoff
0
0
0
0
20 Hz
5.24 Hz
0
0
0
1
25 Hz
6.55 Hz
0
0
1
0
100 Hz
26.2 Hz
0
0
1
1
200 Hz
52.4 Hz
1
0
0
0
50 Hz
13.1 Hz
1
0
0
1
60 Hz
15.7 Hz
1
0
1
0
250 Hz
65.5 Hz
1
0
1
1
500 Hz
131 Hz
0
1
0
0
4.054 Hz
1.06 Hz
0
1
0
1
4.23 Hz
1.11 Hz
0
1
1
0
4.84 Hz
1.27 Hz
0
1
1
1
4.96 Hz
1.3 Hz
1
1
0
0
10 Hz
2.62 Hz
1
1
0
1
10.34 Hz
2.71 Hz
1
1
1
0
11.90 Hz
3.13 Hz
1
1
1
1
12.2 Hz
3.2 Hz
1 Assumes correct clock frequency on the MCLK IN pin with the CLKDIV bit set appropriately.
Data Register (RS2, RS1, RS0 = 0, 1, 1)
The data register on the part is a 16-bit read-only register that
contains the most up-to-date conversion result from the AD7707.
If the communications register sets up the part for a write
operation to this register, a write operation must actually take
place to return the part to where it is expecting a write operation to
the communications register. However, the 16 bits of data
written to the part are ignored by the AD7707.
Test Register (RS2, RS1, RS0 = 1, 0, 0); Power-On/Reset
Status: 0x00
The part contains a est egister that is used when testing the
device. The user is advised not to change the status of any of the
bits in this register from the default (power-on or RESET) status
of all 0s because the part will be placed in one of its test modes
and will not operate correctly.
Zero-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 0);
Power-On/Reset Status: 0x1F4000
The AD7707 contains independent sets of zero-scale registers,
one for each of the input channels. Each of these registers is a
24-bit read/write register; 24 bits of data must be written; otherwise,
no data is transferred to the register. This register is used in
conjunction with its associated full-scale register to form a
register pair. These register pairs are associated with input
channel pairs as outlined in Table 17. Although the part is set
up to allow access to these registers over the digital interface,
the part itself no longer has access to the register coefficients to
correctly scale the output data. As a result, there is a possibility
that after accessing the calibration registers (either read or write
operation) the first output data read from the part may contain
incorrect data. In addition, a write to the calibration register
should not be attempted while a calibration is in progress. These
eventualities can be avoided by taking the FSYNC bit in the
setup register high before the calibration register operation and
taking it low after the operation is complete.
Full-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 1);
Power-On/Reset Status: 0x5761AB
The AD7707 contains independent sets of full-scale registers,
one for each of the input channels. Each of these registers is a
24-bit read/write register; 24 bits of data must be written; otherwise,
no data is transferred to the register. This register is used in
conjunction with its associated zero-scale register to form a
register pair. These register pairs are associated with input channel
pairs as outlined in Table 17. Although the part is set up to
allow access to these registers over the digital interface, the part
itself no longer has access to the register coefficients to correctly
scale the output data. As a result, there is a possibility that after
accessing the calibration registers (either read or write
operation) the first output data read from the part may contain
incorrect data. In addition, a write to the calibration register
should not be attempted while a calibration is in progress. These
eventualities can be avoided by taking
FSYNC bit in the setup
register high before the calibration register operation and taking
it low after the operation is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com