Electronic Components Datasheet Search
  English  ▼

X  

AD7723BSZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7723BSZ
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723BSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7723BSZ Datasheet HTML 9Page - Analog Devices AD7723BSZ Datasheet HTML 10Page - Analog Devices AD7723BSZ Datasheet HTML 11Page - Analog Devices AD7723BSZ Datasheet HTML 12Page - Analog Devices AD7723BSZ Datasheet HTML 13Page - Analog Devices AD7723BSZ Datasheet HTML 14Page - Analog Devices AD7723BSZ Datasheet HTML 15Page - Analog Devices AD7723BSZ Datasheet HTML 16Page - Analog Devices AD7723BSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD7723
Rev. C | Page 12 of 32
Pin No.
Mnemonic
Description
29
SYNC
Synchronization Logic Input. When using more than one AD7723 operated from a common master clock,
SYNC allows each ADC to simultaneously sample its analog input and update its output register. A rising
edge resets the AD7723 digital filter sequencer counter to 0. When the rising edge of CLKIN senses a logic
low on SYNC, the reset state is released. Because the digital filter and sequencer are completely reset
during this action, SYNC pulses cannot be applied continuously.
39
DVDD
Digital Power Supply Voltage; 5 V ± 5%.
Table 7. Parallel Mode Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
DGND/DB2
Data Output Bit.
2
DGND/DB1
Data Output Bit.
3
DGND/DB0
Data Output Bit (LSB).
4
CFMT/RD
Read Logic Input. Used in conjunction with CS to read data from the parallel bus. The output data bus is enabled
when the rising edge of CLKIN senses a logic low level on RD if CS is also low. When RD is sensed high, the output
data bits, DB15 to DB0, are high impedance.
5
DGND/DRDY
Data Ready Logic Output. A falling edge indicates a new output word is available to be read from the output data
register. DRDY returns high upon completion of a read operation. If a read operation does not occur between output
updates, DRDY pulses high for two CLKIN cycles before the next output update. DRDY also indicates when
conversion results are available after a SYNC sequence.
30
DVDD/CS
Chip Select Logic Input.
31
DGND/DB15
Data Output Bit (MSB).
32
DGND/DB14
Data Output Bit.
33
SCR/DB13
Data Output Bit.
34
SLDR/DB12
Data Output Bit.
35
SLP/DB11
Data Output Bit.
36
TSI/DB10
Data Output Bit.
37
FSO/DB9
Data Output Bit.
38
SDO/DB8
Data Output Bit.
40
SCO/DB7
Data Output Bit.
41
FSI/DB6
Data Output Bit.
42
SFMT/DB5
Data Output Bit.
43
DOE/DB4
Data Output Bit.
44
DGND/DB3
Data Output Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com