Electronic Components Datasheet Search
  English  ▼

X  

AD7723BSZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7723BSZ
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723BSZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7723BSZ Datasheet HTML 19Page - Analog Devices AD7723BSZ Datasheet HTML 20Page - Analog Devices AD7723BSZ Datasheet HTML 21Page - Analog Devices AD7723BSZ Datasheet HTML 22Page - Analog Devices AD7723BSZ Datasheet HTML 23Page - Analog Devices AD7723BSZ Datasheet HTML 24Page - Analog Devices AD7723BSZ Datasheet HTML 25Page - Analog Devices AD7723BSZ Datasheet HTML 26Page - Analog Devices AD7723BSZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AD7723
Rev. C | Page 22 of 32
1M
Ω
XTAL
CLKIN
AD7723
In all cases, since the REF2 voltage connects to the analog
modulator, a 220 nF and 10 nF capacitor must connect directly
from REF2 to AGND. The external capacitor provides the
charge required for the dynamic load presented at the REF2 pin
(see Figure 41).
10nF
220nF
A
B
B
A
4pF
4pF
REF2
SWITCHED-CAP
DAC REFERENCED
CLKIN
A

B
A
B
Φ
Φ
Φ
Φ
ΦΦ
Φ
Φ
23
Figure 43. Crystal Oscillator Connection
When an external clock source is being used, the internal
oscillator circuit can be disabled by tying XTAL_OFF high. A
low phase noise clock should be used to generate the ADC
sampling clock because sampling clock jitter effectively
modulates the input signal and raises the noise floor. The
sampling clock generator should be isolated from noisy digital
circuits, grounded, and heavily decoupled to the analog ground
plane.
Figure 41. REF2 Equivalent Input Circuit
The AD780 is ideal to use as an external reference with the
AD7723. Figure 42 shows a suggested connection diagram.
Grounding Pin 8 on the AD780 selects the 3 V output mode.
The sampling clock generator should be referenced to the
analog ground in a split ground system. However, this is not
always possible because of system constraints. In many
applications, the sampling clock must be derived from a higher
frequency multipurpose system clock that is generated on the
digital ground plane. If the clock signal is passed between its
origin on a digital ground plane to the AD7723 on the analog
ground plane, the ground noise between the two planes adds
directly to the clock and produces excess jitter. The jitter can
cause degradation in the signal-to-noise ratio and also produce
unwanted harmonics. This can be remedied somewhat by
transmitting the sampling signal as a differential one, using
either a small RF transformer or a high speed differential driver
and a receiver such as PECL. In either case, the original master
system clock should be generated from a low phase noise crystal
oscillator.
1
2
3
4
AD780
AD7723
REF2
REF1
5V
1
µ F
22nF
220nF
10nF
22
µ F
NC
+VIN
TEMP
GND
O/P
SELECT
NC
VOUT
TRIM
2.5V
NC = NO CONNECT
8
7
6
5
Figure 42. External Reference Circuit Connection
CLOCK GENERATION
The AD7723 contains an oscillator circuit to allow a crystal or
an external clock signal to generate the master clock for the
ADC. The connection diagram for use with a crystal is shown
in Figure 43. Consult the manufacturer’s recommendation for
the load capacitors. To enable the oscillator circuit on board the
AD7723, XTAL_OFF should be tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com