Electronic Components Datasheet Search
  English  ▼

X  

AD7856 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7856
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7856 Datasheet HTML 16Page - Analog Devices AD7856 Datasheet HTML 17Page - Analog Devices AD7856 Datasheet HTML 18Page - Analog Devices AD7856 Datasheet HTML 19Page - Analog Devices AD7856 Datasheet HTML 20Page - Analog Devices AD7856 Datasheet HTML 21Page - Analog Devices AD7856 Datasheet HTML 22Page - Analog Devices AD7856 Datasheet HTML 23Page - Analog Devices AD7856 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AD7856
–19–
REV. A
A combination of hardware and software selection can also be
used to achieve the desired effect.
Table VI. Power Management Options
PMGT1
PMGT0
SLEEP
Bit
Bit
Pin
Comment
0
0
0
Full Power-Down Between
Conversions (HW/SW)
0
0
1
Full Power-Up (HW/SW)
0
1
X
Normal Operation
(Independent of the
SLEEP
Pin)
1
0
X
Full Power-Down (SW)
1
1
X
Partial Power-Down Between
Conversions
NOTE
HW = Hardware Selection; SW = Software Selection.
POWER-UP TIMES
Using an External Reference
When the AD7856 is powered up, the part is powered up from
one of two conditions. First, when the power supplies are ini-
tially powered up and, secondly, when the part is powered up
from either a hardware or software power-down (see last section).
When AVDD and DVDD are powered up, the AD7856 should be
left idle for approximately 42 ms (6 MHz CLK) to allow for the
autocalibration if a 10 nF cap is placed on the
CAL pin, (see
Calibration section). During power-up the functionality of the
SLEEP pin is disabled, i.e., the part will not power down until
the end of the calibration if
SLEEP is tied logic low. The auto-
calibration on power-up can be disabled if the
CAL pin is tied to
a logic high. If the autocalibration is disabled, then the user must
take into account the time required by the AD7856 to power-up
before a self-calibration is carried out. This power-up time is the
time taken for the AD7856 to power up when power is first
applied (300
µs) typ) or the time it takes the external reference
to settle to the 14-bit level–whichever is the longer.
AUTO POWER
DOWN AFTER
CONVERSION
AUTO CAL ON
POWER-UP
AVDD DVDD
AIN(+)
AIN(–)
CREF1
CREF2
SLEEP
DIN
DOUT
SYNC
CONVST
AGND
DGND
CLKIN
SCLK
REFIN/REFOUT
AD7856
ANALOG
SUPPLY
+5V
0.1 F
0.1 F
10 F
0.1 F
0.01 F
MASTER CLOCK
INPUT
CONVERSION
START INPUT
SERIAL DATA OUTPUT
0.1 F
CAL
0.01 F
INTERNAL
REFERENCE
0V TO 2.5V
INPUT
4/6MHz OSCILLATOR
SERIAL CLOCK
INPUT
100kHz PULSE GENERATOR
OPTIONAL
EXTERNAL
REFERENCE
REF-192
SERIAL DATA INPUT
LOW POWER
C/ P
CURRENT, I = 12mA TYP
Figure 21. Typical Low Power Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com