Electronic Components Datasheet Search
  English  ▼

X  

AD7856 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7856
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7856 Datasheet HTML 25Page - Analog Devices AD7856 Datasheet HTML 26Page - Analog Devices AD7856 Datasheet HTML 27Page - Analog Devices AD7856 Datasheet HTML 28Page - Analog Devices AD7856 Datasheet HTML 29Page - Analog Devices AD7856 Datasheet HTML 30Page - Analog Devices AD7856 Datasheet HTML 31Page - Analog Devices AD7856 Datasheet HTML 32Page - Analog Devices AD7856 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD7856
–29–
REV. A
68HC11/L11/16
SCK
SS
AD7856
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
4MHz/6MHz
BUSY
IRQ
MASTER
SLAVE
OPTIONAL
DOUT
MISO
MOSI
SPI
DVDD
HC16, QSPI
Figure 38. 68HC11 and 68HC16 Interface
AD7856 to ADSP-21xx Interface
Figure 39 shows the AD7856 interface to the ADSP-21xx. The
ADSP-21xx is the master and the AD7856 is the slave. The
AD7856 is in Interface Mode 2. For the ADSP-21xx the bits in
the serial port control register should be set up as TFSR = RFSR
= 1 (need a frame sync for every transfer), SLEN = 15 (16-bit
word length), TFSW = RFSW = 1 (alternate framing mode for
transmit and receive operations), INVRFS = INVTFS = 1
(active low RFS and TFS), IRFS = 0, ITFS = 1 (External RFS
and internal TFS), and ISCLK = 1 (internal serial clock). The
CLKIN and
CONVST signals can be supplied from the ADSP-
21xx or from an external source. The serial clock from the
ADSP-21xx must be inverted before the SCLK pin of the
AD7856. This SCLK could also be used to drive the CLKIN
input of the AD7856. The BUSY signal indicates when the
conversion is finished and may not be required. The data access
and hold times of the ADSP-21xx and the AD7856 allow for a
serial clock of 6 MHz at 5 V.
ADSP-21xx
AD7856
CONVST
CLKIN
DOUT
DIN
SYNC
OPTIONAL
4MHz/6MHz
BUSY
IRQ
MASTER
SLAVE
TFS
DT
SCK
SCLK
RFS
DR
OPTIONAL
Figure 39. ADSP-21xx Interface
AD7856 to DSP56000/1/2/L002 Interface
Figure 40 shows the AD7856 to DSP56000/1/2/L002 interface.
Here the DSP5600x is the master and the AD7856 is the slave.
The AD7856 is in Interface Mode 2. The setting of the bits in
the registers of the DSP5600x would be for synchronous opera-
tion (SYN = 1), internal frame sync (SCD2 = 1), gated internal
clock (GCK = 1, SCKD = 1), 16-bit word length (WL1 = 1,
WL0 = 0). Since a gated clock is used here the SCLK cannot be
tied to the CLKIN of the AD7856. The SCLK from the DSP5600x
must be inverted before it is applied to the AD7856. Again the
data access and hold times of the DSP5600x and the AD7856
allows for a SCLK of 6 MHz, VDD = 5 V.
DSP56000/1/2/L002
SRD
AD7856
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
BUSY
IRQ
MASTER
SLAVE
OPTIONAL
DOUT
SC2
STD
SCK
4MHz/6MHz
Figure 40. DSP56000/1/2/L002 Interface
APPLICATION HINTS
Grounding and Layout
The analog and digital supplies to the AD7856 are independent
and separately pinned out to minimize coupling between the
analog and digital sections of the device. The part has very good
immunity to noise on the power supplies as can be seen by the
PSRR vs. Frequency graph. However, care should still be taken
with regard to grounding and layout.
The printed circuit board that houses the AD7856 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should only be
joined in one place. If the AD7856 is the only device requiring
an AGND to DGND connection, the ground planes should
be connected at the AGND and DGND pins of the AD7856. If
the AD7856 is in a system where multiple devices require AGND
to DGND connections, the connection should still be made at
one point only, a star ground point that should be established
as close as possible to the AD7856.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com