Electronic Components Datasheet Search
  English  ▼

X  

AD7887AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD7887AR
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7887AR Datasheet HTML 8Page - Analog Devices AD7887AR Datasheet HTML 9Page - Analog Devices AD7887AR Datasheet HTML 10Page - Analog Devices AD7887AR Datasheet HTML 11Page - Analog Devices AD7887AR Datasheet HTML 12Page - Analog Devices AD7887AR Datasheet HTML 13Page - Analog Devices AD7887AR Datasheet HTML 14Page - Analog Devices AD7887AR Datasheet HTML 15Page - Analog Devices AD7887AR Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD7887
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7887 is a fast, low power, 12-bit, single-supply, single-
channel/dual-channel ADC. The part can be operated from a
3 V (2.7 V to 3.6 V) supply or from a 5 V (4.75 V to 5.25 V) supply.
When operated from either a 5 V or 3 V supply, the AD7887 is
capable of throughput rates of 125 kSPS when provided with a
2 MHz clock.
The AD7887 provides the user with an on-chip, track/hold
analog-to-digital converter reference and a serial interface
housed in an 8-lead package. The serial clock input accesses data
from the part and provides the clock source for the successive
approximation ADC. The part can be configured for single-
channel or dual-channel operation. When configured as a
single-channel part, the analog input range is 0 to VREF (where the
externally applied VREF can be between 1.2 V and VDD). When
the AD7887 is configured for two input channels, the input
range is determined by internal connections to be 0 to VDD.
If single-channel operation is required, the AD7887 can be
operated in a read-only mode by tying the DIN line permanently
to GND. For applications where the user wants to change the
mode of operation or wants to operate the AD7887 as a dual-
channel ADC, the DIN line can be used to clock data into the
part’s control register.
CONVERTER OPERATION
The AD7887 is a successive approximation ADC built around a
charge-redistribution DAC. Figure 8 and Figure 9 show simplified
schematics of the ADC. Figure 8 shows the ADC during its
acquisition phase. SW2 is closed and SW1 is in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor acquires the signal on AIN.
(REF IN/REF OUT)/2
SAMPLING
CAPACITOR
COMPARATOR
ACQUISITION
PHASE
SW1
A
SW2
AGND
B
AIN
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 8. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 9), SW2 opens
and SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the charge-redistribution DAC
are used to add and subtract fixed amounts of charge from the
sampling capacitor to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion
is complete. The control logic generates the ADC output code.
Figure 10 shows the ADC transfer function.
(REF IN/REF OUT)/2
SAMPLING
CAPACITOR
COMPARATOR
CONVERSION
PHASE
SW1
A
SW2
AGND
B
VIN
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 9. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7887 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSB, and so on). The LSB size is VREF/4096. The
ideal transfer characteristic for the AD7887 is shown in Figure 10.
0V
ANALOG INPUT
111 ... 000
011 ... 111
0.5LSB
+VREF – 1.5LSB
1LSB = VREF/4096
111 ... 111
111 ... 110
000 ... 010
000 ... 001
000 ... 000
Figure 10. Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 11 shows a typical connection diagram for the AD7887.
The GND pin is connected to the analog ground plane of the
system. The part is in dual-channel mode so VREF is internally
connected to a well-decoupled VDD pin to provide an analog
input range of 0 V to VDD. The conversion result is output in a
16-bit word with four leading zeros followed by the MSB of the
12-bit result. For applications where power consumption is of
concern, the automatic power-down at the end of conversion
should be used to improve power performance. See the Modes
of Operation section.
DOUT
DIN
SCLK
CS
AIN1
AIN2
GND
0.1µF
10µF
SUPPLY 2.7V
TO 5.25V
SERIAL
INTERFACE
VDD
AD7887
0V TO VDD
INPUT
µC/µP
Figure 11. Typical Connection Diagram
Rev. E | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com