Electronic Components Datasheet Search
  English  ▼

X  

AD7887AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD7887AR
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7887AR Datasheet HTML 17Page - Analog Devices AD7887AR Datasheet HTML 18Page - Analog Devices AD7887AR Datasheet HTML 19Page - Analog Devices AD7887AR Datasheet HTML 20Page - Analog Devices AD7887AR Datasheet HTML 21Page - Analog Devices AD7887AR Datasheet HTML 22Page - Analog Devices AD7887AR Datasheet HTML 23Page - Analog Devices AD7887AR Datasheet HTML 24Page - Analog Devices AD7887AR Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD7887
Data Sheet
APPLICATION HINTS
Grounding and Layout
The AD7887 has very good immunity to noise on the power
supplies, as can be seen in Figure 7. However, care should still
be taken with regard to grounding and layout.
The printed circuit board that houses the AD7887 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes because it
results in the best shielding. Digital and analog ground planes
should be joined in only one place, as close as possible to the
GND pin of the AD7887. If the AD7887 is in a system where
multiple devices require AGND-to-DGND connections, the
connection should still be made at one point only, a star ground
point, which should be established as close as possible to the
AD7887.
Avoid running digital lines under the device because these will
couple noise onto the die. The analog ground plane should be
allowed to run under the AD7887 to avoid noise coupling. The
power supply lines to the AD7887 should use as large a trace as
possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board, and clock signals should
never be run near the analog inputs. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This reduces the effects of
feedthrough through the board. A microstrip technique is by far
the best approach, but it is not always possible with a double-
sided board. In this technique, the component side of the board
is dedicated to ground planes, and signals are placed on the
solder side.
Good decoupling is also important. All analog supplies should
be decoupled with 10 μF tantalum in parallel with 0.1 μF
capacitors to AGND. To achieve the best from these decoupling
components, they must be placed as close as possible to the
device, ideally right up against the device.
Rev. E | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com