Electronic Components Datasheet Search
  English  ▼

X  

AD7888 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7888
Description  Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7888 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7888 Datasheet HTML 10Page - Analog Devices AD7888 Datasheet HTML 11Page - Analog Devices AD7888 Datasheet HTML 12Page - Analog Devices AD7888 Datasheet HTML 13Page - Analog Devices AD7888 Datasheet HTML 14Page - Analog Devices AD7888 Datasheet HTML 15Page - Analog Devices AD7888 Datasheet HTML 16Page - Analog Devices AD7888 Datasheet HTML 17Page - Analog Devices AD7888 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AD7888
Rev. C | Page 17 of 17
ORDERING GUIDE
Model1
Notes
Linearity
Error (LSB)2
Temperature
Range
Package Description
Package
Option
AD7888ARU
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARU-REEL
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARU-REEL7
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARUZ
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARUZ-REEL
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARUZ-REEL7
±2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7888ARZ
±2
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
AD7888ARZ-REEL
±2
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
AD7888ARZ-REEL7
±2
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
AD7888BR-REEL
±1
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
AD7888BR-REEL7
±1
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
AD7888BRZ
±1
−40°C to +105°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
EVAL-AD7888CB
3
1 Z = RoHS Compliant Part.
2 Linearity error here refers to integral linearity error.
3 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
REVISION HISTORY
6/10—Rev. B to Rev. C
Changes to Standby Mode Parameter, AD7888 Specifications
Section ............................................................................................... 3
Changes to Operating Temperature Range, Commercial
(B Version) Parameter, Absolute Maximum Ratings Section..... 3
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
6/01—Rev. A to Rev. B
Edit to DC Accuracy Section of Specifications ............................ 2
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01356-0-6/10(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com